Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC2102 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

No. de pieza BC2102
Descripción Electrónicos  Sub-1GHz OOK/FSK Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC2102 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  BC2102 Datasheet HTML 1Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 2Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 3Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 4Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 5Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 6Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 7Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 8Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.00
1
December 21, 2016
Rev. 1.00
PB
December 21, 2016
BC2102
Sub-1GHz OOK/FSK Transmitter
Features
• Operatingvoltage:
VDD=2.2V~3.6V@Ta=-40°C~+85°C
• CompleteSub-1GHzOOK/FSKtransmitter
• Frequencybands:315MHz,433MHz,868MHz,
915MHz
• SupportsOOK/FSKmodulation
• Supports2-wireI2Cinterface
• Lowsleepcurrent
• TXcurrentconsumption@433MHz:
17mA(FSK,10dBm)/11mA(OOK,10dBm,50%
dutycycle)
• Programmablesymbolrate
• On-chipfullrangeVCOandFractional-NPLL
synthesizer
• Supports16/24MHzlowcostcrystal
• 4-stepsprogrammableTXPower:0/5/10/13dBm
• FullyintegratedVCO,onchiploopfilterandPLL
synthesizer
• Hardwarecontrolmode–MCUnotrequiredfor
radiocontrol
• Integrated64×1-bitFUSEDataMemory
• Autocalibrationfunction
• Packagetype:8-pinSOP-EP
Abbreviation Notes
TX:RFTransmitter
SX:Synthesizer
XO:ExternalCrystal
PA:PowerAmplifier
OOK:On-OffKeying
FSK:FrequencyShiftKeying
VCO:VoltageControlOscillator
PLL:PhaseLockLoop
MMD:Multi-ModeDivider
XTAL:ExternalCrystal
General Description
The BC2102 is a highly integrated OOK/FSK
transmitterforremotewirelessapplications.The
transmitterisatrue"data-in,antenna-out"monolithic
devicemakingitveryeasyforuserstoimplement
wirelesssystems.
TheBC2102canoperateatthe315MHz,433MHz,
868MHzand915MHzfrequencybands.Itsupports
bothOOKandFSKmodulationschemesandcan
operate with symbol rate up to 25Kbps and 50Kbps
respectively.
BC2102offersaprogrammableoutputpowerlevel.
Itiscapableofdelivering+13dBmmaximumpower
intoa50Ωload.TheBC2102adoptsanagilestate
machinetoeasethecontrolandminimizethepower
consumption.Withanexternalcrystalandafew
external components, BC2102 can implement a
completesolutionforaneffectiveRFtransmitter.
Thesefeaturescanbeeasilyprogrammedthrough
I2CinterfaceorinternalFuse.Withthesecombined
featurestheBC2102canprovideapower-savingand
costeffectivesolutionforahugerangeofremote
wirelessapplications.


Número de pieza similar - BC2102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BC211 ETC1-BC211 Datasheet
121Kb / 1P
   General Purpose Transistors
BC211 ETC-BC211 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Motorola, Inc
BC212 MOTOROLA-BC212 Datasheet
107Kb / 4P
   Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
   Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Descripción similar - BC2102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com