Nombre de pieza
         Descripción
NTE1375

 Integrated Circuit Audio Power Amp for Car Radio, 5.8W ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
VCC
Pin Connection Diagram
(Front View)
GND
Filter
Input
Bootstrap
Negative Feedback
Phase Comp
10
9
8
7
Phase Comp
6
5
4
3
Test Point
2
Output
1
.251
(6.4)
.897 (22.8)
.984 (25.0)
1.043 (26.5)
.100 (2.54)
110
.330
(8.38)
.409
(10.4)
.700
(17.78)
.070
(1.78)
.141
(3.6)
1.063
(27.0)
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1338Integrated Circuit Module Hybrid Dual Driver for 40W to 50W Audio Power Amp 1 2 NTE Electronics
NTE1339Integrated Circuit Module Hybrid Dual Driver for 80W to 90W Audio Power Amp 1 2 NTE Electronics
NTE1293Integrated Circuit Dual Audio Power Amp 5.8W/Ch 1 2 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl