Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RX111 Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza RX111
Descripción Electrónicos  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 60Page - Renesas Technology Corp RX111_16 Datasheet HTML 61Page - Renesas Technology Corp RX111_16 Datasheet HTML 62Page - Renesas Technology Corp RX111_16 Datasheet HTML 63Page - Renesas Technology Corp RX111_16 Datasheet HTML 64Page - Renesas Technology Corp RX111_16 Datasheet HTML 65Page - Renesas Technology Corp RX111_16 Datasheet HTML 66Page - Renesas Technology Corp RX111_16 Datasheet HTML 67Page - Renesas Technology Corp RX111_16 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 64 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. The reference power supply current is included in the power supply current value for D/A conversion.
Note 2. Current consumed only by the USB module.
Note 3. Includes the current supplied from the pull-up resistor of the USB0_DP pin to the pull-down resistor of the host device, in addition
to the current consumed by this MCU during the suspended state.
Note 4. When VCC = VCC_USB = 3.3 V.
Note 5. The value of the current flowing to VCC.
Note 6. Current consumed by the power supply (VCC).
Note 7. When VCC = AVCC0 = VCC_USB = 3.3 V.
Table 5.12
DC Characteristics (10)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol Min.
Typ.*7
Max. Unit
Test
Conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
—0.7
1.2
mA
Waiting for A/D (all units)
——
0.3
μA
During D/A conversion (per channel)*5
——
1.5
mA
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
—25
52
μA
Waiting for A/D conversion (all units)
60
nA
Temperature
sensor*6
ITEMP
—75
μA
LDV1, 2
Per channel
ILVD
—0.15
μA
USB
operating
current
During USB communication operation under the following settings
and conditions
 Host controller operation is set to full-speed mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
 Connect peripheral devices via a 1-meter USB cable from
the USB port.
IUSBH*2
—4.3
(VCC)
0.9
(VCC_USB)
*4
—mA
During USB communication operation under the following settings
and conditions
 Function controller operation is set to full-speed mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
 Connect the host device via a 1-meter USB cable from the
USB port.
IUSBF*2
—3.6
(VCC)
1.1
(VCC_USB)
*4
—mA
During suspended state under the following setting and conditions
 Function controller operation is set to full-speed mode
(pull up the USB0_DP pin)
 Software standby mode
 Connect the host device via a 1-meter USB cable from the
USB port.
ISUSP*3
—0.35
(VCC)
170
(VCC_USB)
*4
μA
Table 5.13
DC Characteristics (11)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RAM standby voltage
VRAM
1.8
V


Número de pieza similar - RX111_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Descripción similar - RX111_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com