Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RX111 Datasheet(PDF) 19 Page - Renesas Technology Corp

No. de pieza RX111
Descripción Electrónicos  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 15Page - Renesas Technology Corp RX111_16 Datasheet HTML 16Page - Renesas Technology Corp RX111_16 Datasheet HTML 17Page - Renesas Technology Corp RX111_16 Datasheet HTML 18Page - Renesas Technology Corp RX111_16 Datasheet HTML 19Page - Renesas Technology Corp RX111_16 Datasheet HTML 20Page - Renesas Technology Corp RX111_16 Datasheet HTML 21Page - Renesas Technology Corp RX111_16 Datasheet HTML 22Page - Renesas Technology Corp RX111_16 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 19 of 127
May 31, 2016
RX111 Group
1. Overview
Note 1. Not 5 V tolerant.
Note 2. The power source of the I/O buffer for these pins is AVCC0.
42
PA4
MTIC5U/MTCLKA/MTIOC2B
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
43
PA3
MTIOC0D/MTCLKD/
MTIOC1B/POE0#
RXD5/SMISO5/SSCL5/MISOA
IRQ6
44
PA1
MTIOC0B/MTCLKC/
RTCOUT
SCK5/SSLA2
45
PA0
MTIOC4A
SSLA1
CACREF
46
PE5
MTIOC4C/MTIOC2B
IRQ5/AN013
47
PE4
MTIOC4D/MTIOC1A/
MTIOC3A
MOSIA
IRQ4/AN012
48
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
49
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
50
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
51
PE0
MTIOC2A/POE3#
SCK12
IRQ0/AN008
52
PE7
IRQ7/AN015
53
PE6
IRQ6/AN014
54
P46*2
AN006
55
P44*2
AN004
56
P43*2
AN003
57
P42*2
AN002
58
P41*2
AN001
59
VREFL0
PJ7*2
60
P40*2
AN000
61
VREFH0
PJ6*2
62
AVSS0
63
AVCC0
64
P05
DA1
Table 1.5
List of Pins and Pin Functions (64-Pin LFQFP/LQFP) (2/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others


Número de pieza similar - RX111_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Descripción similar - RX111_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com