Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RX113 Datasheet(PDF) 40 Page - Renesas Technology Corp

No. de pieza RX113
Descripción Electrónicos  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 36Page - Renesas Technology Corp RX113_16 Datasheet HTML 37Page - Renesas Technology Corp RX113_16 Datasheet HTML 38Page - Renesas Technology Corp RX113_16 Datasheet HTML 39Page - Renesas Technology Corp RX113_16 Datasheet HTML 40Page - Renesas Technology Corp RX113_16 Datasheet HTML 41Page - Renesas Technology Corp RX113_16 Datasheet HTML 42Page - Renesas Technology Corp RX113_16 Datasheet HTML 43Page - Renesas Technology Corp RX113_16 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 40 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 8722h
MTU0
Timer General Register F
TGRF
16
16
2 or 3 PCLKB
0008 8724h
MTU0
Timer Interrupt Enable Register 2
TIER2
8
8
2 or 3 PCLKB
0008 8726h
MTU0
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
2 or 3 PCLKB
0008 8780h
MTU1
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8781h
MTU1
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8782h
MTU1
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
0008 8784h
MTU1
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8785h
MTU1
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8786h
MTU1
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8788h
MTU1
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 878Ah
MTU1
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 8790h
MTU1
Timer Input Capture Control Register
TICCR
8
8
2 or 3 PCLKB
0008 8800h
MTU2
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8801h
MTU2
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8802h
MTU2
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
0008 8804h
MTU2
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8805h
MTU2
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8806h
MTU2
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8808h
MTU2
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 880Ah
MTU2
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 8880h
MTU5
Timer Counter U
TCNTU
16
16
2 or 3 PCLKB
0008 8882h
MTU5
Timer General Register U
TGRU
16
16
2 or 3 PCLKB
0008 8884h
MTU5
Timer Control Register U
TCRU
8
8
2 or 3 PCLKB
0008 8886h
MTU5
Timer I/O Control Register U
TIORU
8
8
2 or 3 PCLKB
0008 8890h
MTU5
Timer Counter V
TCNTV
16
16
2 or 3 PCLKB
0008 8892h
MTU5
Timer General Register V
TGRV
16
16
2 or 3 PCLKB
0008 8894h
MTU5
Timer Control Register V
TCRV
8
8
2 or 3 PCLKB
0008 8896h
MTU5
Timer I/O Control Register V
TIORV
8
8
2 or 3 PCLKB
0008 88A0h
MTU5
Timer Counter W
TCNTW
16
16
2 or 3 PCLKB
0008 88A2h
MTU5
Timer General Register W
TGRW
16
16
2 or 3 PCLKB
0008 88A4h
MTU5
Timer Control Register W
TCRW
8
8
2 or 3 PCLKB
0008 88A6h
MTU5
Timer I/O Control Register W
TIORW
8
8
2 or 3 PCLKB
0008 88B2h
MTU5
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 88B4h
MTU5
Timer Start Register
TSTR
8
8
2 or 3 PCLKB
0008 88B6h
MTU5
Timer Compare Match Clear Register
TCNTCMPCLR
8
8
2 or 3 PCLKB
0008 8900h
POE
Input Level Control/Status Register 1
ICSR1
16
8, 16
2 or 3 PCLKB
0008 8902h
POE
Output Level Control/Status Register 1
OCSR1
16
8, 16
2 or 3 PCLKB
0008 8908h
POE
Input Level Control/Status Register 2
ICSR2
16
8, 16
2 or 3 PCLKB
0008 890Ah
POE
Software Port Output Enable Register
SPOER
8
8
2 or 3 PCLKB
0008 890Bh
POE
Port Output Enable Control Register 1
POECR1
8
8
2 or 3 PCLKB
0008 890Ch
POE
Port Output Enable Control Register 2
POECR2
8
8
2 or 3 PCLKB
0008 890Eh
POE
Input Level Control/Status Register 3
ICSR3
16
8, 16
2 or 3 PCLKB
0008 9000h
S12AD
A/D Control Register
ADCSR
16
16
2 or 3 PCLKB
0008 9004h
S12AD
A/D Channel Select Register A
ADANSA
16
16
2 or 3 PCLKB
0008 9006h
S12AD
A/D Channel Select Register A1
ADANSA1
16
16
2 or 3 PCLKB
0008 9008h
S12AD
A/D-Converted Value Addition Mode Select Register
ADADS
16
16
2 or 3 PCLKB
0008 900Ah
S12AD
A/D-Converted Value Addition Mode Select Register 1
ADADS1
16
16
2 or 3 PCLKB
0008 900Ch
S12AD
A/D-Converted Value Addition Count Select Register
ADADC
8
8
2 or 3 PCLKB
0008 900Eh
S12AD
A/D Control Extended Register
ADCER
16
16
2 or 3 PCLKB
0008 9010h
S12AD
A/D Start Trigger Select Register
ADSTRGR
16
16
2 or 3 PCLKB
0008 9012h
S12AD
A/D Converted Extended Input Control Register
ADEXICR
16
16
2 or 3 PCLKB
0008 9014h
S12AD
A/D Channel Select Register B
ADANSB
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (11/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Número de pieza similar - RX113_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Descripción similar - RX113_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com