Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RX230 Datasheet(PDF) 60 Page - Renesas Technology Corp

No. de pieza RX230
Descripción Electrónicos  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 56Page - Renesas Technology Corp RX230 Datasheet HTML 57Page - Renesas Technology Corp RX230 Datasheet HTML 58Page - Renesas Technology Corp RX230 Datasheet HTML 59Page - Renesas Technology Corp RX230 Datasheet HTML 60Page - Renesas Technology Corp RX230 Datasheet HTML 61Page - Renesas Technology Corp RX230 Datasheet HTML 62Page - Renesas Technology Corp RX230 Datasheet HTML 63Page - Renesas Technology Corp RX230 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 60 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 A02Ah
SCI1
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 A02Bh
SCI1
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 A02Ch
SCI1
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 A02Dh
SCI1
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A02Eh
SCI1
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A02Eh
SCI1
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A02Fh
SCI1
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A030h
SCI1
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A030h
SCI1
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A031h
SCI1
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A032h
SCI1
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A0h
SCI5
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A1h
SCI5
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A2h
SCI5
Serial Control Register
SCR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A3h
SCI5
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A4h
SCI5
Serial Status Register
SSR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A5h
SCI5
Receive Data Register
RDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A6h
SCI5
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A7h
SCI5
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A8h
SCI5
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0A9h
SCI5
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
2 ICLK
0008 A0AAh
SCI5
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 A0ABh
SCI5
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 A0ACh
SCI5
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0ADh
SCI5
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0AEh
SCI5
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A0AEh
SCI5
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A0AFh
SCI5
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A0B0h
SCI5
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A0B0h
SCI5
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A0B1h
SCI5
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A0B2h
SCI5
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C0h
SCI6
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C1h
SCI6
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C2h
SCI6
Serial Control Register
SCR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C3h
SCI6
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C4h
SCI6
Serial Status Register
SSR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C5h
SCI6
Receive Data Register
RDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C6h
SCI6
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C7h
SCI6
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C8h
SCI6
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0C9h
SCI6
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CAh
SCI6
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CBh
SCI6
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CCh
SCI6
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CDh
SCI6
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CEh
SCI6
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A0CEh
SCI6
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A0CFh
SCI6
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A0D0h
SCI6
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A0D0h
SCI6
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A0D1h
SCI6
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (18 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK


Número de pieza similar - RX230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Descripción similar - RX230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com