Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S3A7 Datasheet(PDF) 12 Page - Renesas Technology Corp

No. de pieza S3A7
Descripción Electrónicos  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 8Page - Renesas Technology Corp S3A7 Datasheet HTML 9Page - Renesas Technology Corp S3A7 Datasheet HTML 10Page - Renesas Technology Corp S3A7 Datasheet HTML 11Page - Renesas Technology Corp S3A7 Datasheet HTML 12Page - Renesas Technology Corp S3A7 Datasheet HTML 13Page - Renesas Technology Corp S3A7 Datasheet HTML 14Page - Renesas Technology Corp S3A7 Datasheet HTML 15Page - Renesas Technology Corp S3A7 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 12 of 130
Feb 23, 2016
S3A7
1. Overview
GPT
GTETRGA,
GTETRGB,
GTETRGC,
GTETRGD
Input
External trigger input pin.
GTIOC0A to
GTIOC9A,
GTIOC0B to
GTIOC9B
I/O
Input capture, Output capture, or PWM output pin.
GTIU
Input
Hall sensor input pin U.
GTIV
Input
Hall sensor input pin V.
GTIW
Input
Hall sensor input pin W.
GTOUUP
Output
Three-phase PWM output for BLDC motor control (positive U phase).
GTOULO
Output
Three-phase PWM output for BLDC motor control (negative U phase).
GTOVUP
Output
Three-phase PWM output for BLDC motor control (positive V phase).
GTOVLO
Output
Three-phase PWM output for BLDC motor control (negative V phase).
GTOWUP
Output
Three-phase PWM output for BLDC motor control (positive W phase).
GTOWLO
Output
Three-phase PWM output for BLDC motor control (negative W phase).
AGT
AGTEE0, AGTEE1
Input
External event input enable.
AGTIO0, AGTIO1
I/O
External event input and pulse output.
AGTO0, AGTO1
Output
Pulse output.
AGTOA0, AGTOA1
Output
Output compare match A output.
AGTOB0, AGTOB1
Output
Output compare match B output.
RTC
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock.
RTCIC0 to RTCIC2
Input
Time capture event input pins.
SCI
SCK0 to SCK4,
SCK9
I/O
Input/output pins for the clock (clock synchronous mode).
RXD0 to RXD4,
RXD9
Input
Input pins for received data (asynchronous mode/clock synchronous
mode).
TXD0 to TXD4,
TXD9
Output
Output pins for transmitted data (asynchronous mode/clock synchronous
mode).
CTS0_RTS0 to
CTS4_RTS4,
CTS9_RTS9
I/O
Input/Output pins for controlling the start of transmission and reception
(asynchronous mode/clock synchronous mode), active LOW.
SCL0 to SCL4,
SCL9
I/O
Input/output pins for the IIC clock (simple IIC).
SDA0 to SDA4,
SDA9
I/O
Input/output pins for the IIC data (simple IIC).
SCK0 to SCK4,
SCK9
I/O
Input/output pins for the clock (simple SPI).
MISO0 to MISO4,
MISO9
I/O
Input/output pins for slave transmission of data (simple SPI).
MOSI0 to MOSI4,
MOSI9
I/O
Input/output pins for master transmission of data (simple SPI).
SS0 to SS4, SS9
Input
Slave-select input pins (simple SPI), active LOW.
IIC
SCL0 to SCL2
I/O
Input/output pins for clock.
SDA0 to SDA2
I/O
Input/output pins for data.
SSI
SSISCK0
I/O
SSI serial bit clock pin.
SSISCK1
SSIWS0
I/O
Word select pins.
SSIWS1
SSITXD0
Output
Serial data output pins.
SSIRXD0
Input
Serial data input pins.
SSIDATA1
I/O
Serial data input/output pins.
AUDIO_CLK
Input
External clock pin for audio (input oversampling clock).
Function
Signal
I/O
Description


Número de pieza similar - S3A7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Descripción similar - S3A7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com