Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S7G2 Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza S7G2
Descripción Electrónicos  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 75Page - Renesas Technology Corp S7G2 Datasheet HTML 76Page - Renesas Technology Corp S7G2 Datasheet HTML 77Page - Renesas Technology Corp S7G2 Datasheet HTML 78Page - Renesas Technology Corp S7G2 Datasheet HTML 79Page - Renesas Technology Corp S7G2 Datasheet HTML 80Page - Renesas Technology Corp S7G2 Datasheet HTML 81Page - Renesas Technology Corp S7G2 Datasheet HTML 82Page - Renesas Technology Corp S7G2 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 79 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
2.3.14
SSI Timing
Figure 2.53
SSI clock input/output timing
Figure 2.54
SSI data transmit and receive timing when SSICR.SCKP = 0
Table 2.29
SSI timing
(1) Middle drive output is selected with the port drive capability bit in the PmnPFS register.
(2) Use pins that have a letter appended to their names, for instance “_A” or “_B”, to indicate group membership. For the SSI interface,
the AC portion of the electrical characteristics is measured for each group.
Item
Symbol
Min
Max
Unit
Test
conditions
SSI
AUDIO_CLK input frequency
tAUDIO
-50
MHz
-
Output clock period
tO
150
64000
ns
Figure 2.53
Input clock period
tI
150
64000
ns
Clock high pulse width
tHC
60
-
ns
Clock low pulse width
tLC
60
-
ns
Clock rise time
tRC
-25
ns
Data delay
tDTR
–5
25
ns
Figure 2.54,
Figure 2.55
Set-up time
tSR
25
-
ns
Hold time
tHTR
25
-
ns
SSIDATA output delay from WS change time
TDTRW
-25
ns
Figure 2.56
SSISCKn
tHC
tLC
tRC
tI, tO
tSR
tHTR
tDTR
SSISCKn
(Input or Output)
SSIWSn, SSIDATAn
(Input)
SSIWSn, SSIDATAn
(Output)


Descripción similar - S7G2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com