Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPA2736GR Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
UPA2736GR Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page μPA2736GR R07DS1320EJ0100 Rev.1.00 Page 2 of 6 Jan 25, 2016 Electrical Characteristics (TA = 25°C) Item Symbol MIN. TYP. MAX. Unit Test Conditions Zero Gate Voltage Drain Current IDSS −1 μA VDS = −30 V, VGS = 0 V Gate Leakage Current IGSS m100 nA VGS = m20 V, VDS = 0 V Gate Cut-off Voltage VGS(off) −1.0 −2.5 V VDS = −10 V, ID = −1 mA Forward Transfer Admittance ∗1 | yfs | 6 S VDS = −10 V, ID = −7 A Drain to Source On-state Resistance ∗1 RDS(on)1 5.8 7.0 m Ω VGS = −10 V, ID = −14 A RDS(on)2 9.2 13.5 m Ω VGS = −4.5 V, ID = −14 A Input Capacitance Ciss 3400 pF VDS = −10 V, Output Capacitance Coss 1600 pF VGS = 0 V, Reverse Transfer Capacitance Crss 1450 pF f = 1 MHz Turn-on Delay Time td(on) 30 ns VDD = −15 V, ID = −7 A, VGS = −10 V, Rise Time tr 45 ns Turn-off Delay Time td(off) 100 ns RG = 10 Ω Fall Time tf 100 ns Total Gate Charge QG 80 nC VDD = −24 V, Gate to Source Charge QGS 5 nC VGS = −10 V, Gate to Drain Charge QGD 40 nC ID = −14 A Body Diode Forward Voltage ∗1 VF(S-D) 0.84 V IF = 14 A, VGS = 0 V Reverse Recovery Time trr 55 ns IF = 14 A, VGS = 0 V, Reverse Recovery Charge Qrr 70 nC di/dt = 100 A/ μs Note: ∗1. Pulsed TEST CIRCUIT 1 AVALANCHE CAPABILITY RG = 25 Ω 50 Ω L VDD VGS = −20 → 0 V BVDSS IAS ID VDS Starting Tch VDD D.U.T. TEST CIRCUIT 3 GATE CHARGE TEST CIRCUIT 2 SWITCHING TIME PG. RG 0 VGS(−) D.U.T. RL VDD τ = 1 s μ Duty Cycle ≤ 1% VGS Wave Form VDS Wave Form VGS(−) 10% 90% VGS 10% 0 VDS(−) 90% 90% td(on) tr td(off) tf 10% τ VDS 0 ton toff PG. PG. 50 Ω D.U.T. RL VDD IG = −2 mA − |
Número de pieza similar - UPA2736GR_16 |
|
Descripción similar - UPA2736GR_16 |