Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT45R2K-C Datasheet(PDF) 100 Page - Holtek Semiconductor Inc

No. de pieza HT45R2K-C
Descripción Electrónicos  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 100 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 104Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 105 page
background image
Rev. 1.40
100
�a��� 1�� �01�
Rev. 1.40
101
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Set Data �emo�y
Each bit of the specified Data Memory is set to 1.
[m] ← FFH
None
Set bit of Data �emo�y
Bit i of the specified Data Memory is set to 1.
[m].1 ← 1
None
Skip if in��ement Data �emo�y is 0
The contents of the specified Data Memory are first incremented by 1. If the result
is 0� t�e following inst�u�tion is skipped. As t�is �equi�es t�e inse�tion of a dummy
inst�u�tion w�ile t�e next inst�u�tion is fet��ed� it is a two �y�le inst�u�tion. If t�e
�esult is not 0 t�e p�og�am p�o�eeds wit� t�e following inst�u�tion.
[m] ← [m] + 1
Skip if [m] = 0
None
Skip if in��ement Data �emo�y is ze�o wit� �esult in ACC
The contents of the specified Data Memory are first incremented by 1. If the result
is 0� t�e following inst�u�tion is skipped. T�e �esult is sto�ed in t�e A��umulato�
but the specified Data Memory contents remain unchanged. As this requires the
inse�tion of a dummy inst�u�tion w�ile t�e next inst�u�tion is fet��ed� it is a two
�y�le inst�u�tion. If t�e �esult is not 0 t�e p�og�am p�o�eeds wit� t�e following
inst�u�tion.
ACC ← [m] + 1
Skip if ACC = 0
None
Skip if bit i of Data �emo�y is not 0
If bit i of the specified Data Memory is not 0, the following instruction is skipped.
As t�is �equi�es t�e inse�tion of a dummy inst�u�tion w�ile t�e next inst�u�tion is
fet��ed� it is a two �y�le inst�u�tion. If t�e �esult is 0 t�e p�og�am p�o�eeds wit� t�e
following inst�u�tion.
Skip if [m].i ≠ 0
None
Subt�a�t Data �emo�y f�om ACC
The specified Data Memory is subtracted from the contents of the Accumulator. The
�esult is sto�ed in t�e A��umulato�. Note t�at if t�e �esult of subt�a�tion is negative�
the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag
will be set to 1.
ACC ← ACC – [m]
OV� Z� AC� C
SET [m]
Des��iption
Ope�ation
Affected flag(s)
SET [m].i
Des��iption
Ope�ation
Affected flag(s)
SIZ [m]
Des��iption
Ope�ation
Affected flag(s)
SIZA [m]
Des��iption
Ope�ation
Affected flag(s)
SNZ [m].i
Des��iption
Ope�ation
Affected flag(s)
SUB A,[m]
Des��iption
Ope�ation
Affected flag(s)


Número de pieza similar - HT45R2K-C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Descripción similar - HT45R2K-C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com