Nombre de pieza
         Descripción
NTE1383

 Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL) ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 3 page
background image
Pin Connection Diagram
VCC
Feedback
GND
Ch 2 Input
N.C.
1
2
3
4
Ch 1 Output
GND
Feedback
5
Feedback
6
Bypass
7
Ch 1 Input
8
N.C.
18
17
16
15
GND
Ch 2 Output
GND
14 Feedback
13 Bypass
12
11
Diff Amp Input
9
10
.708 (17.9)
.940 (23.8)
1.180 (29.9)
.944 (23.9)
.590 (14.9)
.185
(4.7)
.140
(3.5)
.118
(2.9)
.118 (2.9)
1
9
18
10
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1367Integrated Circuit Dual Audio Power Amp 2.3W to 5W 4.6W to 15W BTL 1 2 3 NTE Electronics
NTE1399Integrated Circuit Dual Audio Power Amp 18W BTL 1 2 NTE Electronics
NTE1898Integrated Circuit Dual Audio Power Amp 5.8W 22W BTL 1 2 3 NTE Electronics
KIA6221AHBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1293Integrated Circuit Dual Audio Power Amp 5.8W/Ch 1 2 NTE Electronics
NTE1879Integrated Circuit Module Hybrid Dual Audio Power Amp 18W/Ch Dual Power Supplies 1 2 NTE Electronics
NTE7102Integrated Circuit Dual Audio Power Amplifier 5.5W/Ch 20W BTL 1 2 3 NTE Electronics
KIA6280HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1338Integrated Circuit Module Hybrid Dual Driver for 40W to 50W Audio Power Amp 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl