Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT46R003B Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

No. de pieza HT46R003B
Descripción Electrónicos  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Rev. 1.00
8
��ne 1�� �01�
Rev. 1.00
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature.................................................................................................... -50°Cto125°C
OperatingTemperature.................................................................................................. -40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationofthis
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating voltage
— fSYS=8MHz
�.3
5.5
V
IDD
Operating c�rrent
(HIRC on)
3V No load� fSYS=8MHz
A/D Converter disable
1.�
1.8
mA
5V
�.�
3.6
mA
ISTB
Standby c�rrent
(LIRC on)
3V
No load� System halt
5
μA
5V
10
μA
Standby c�rrent
(LIRC off)
3V
No load� System halt
1
μA
5V
μA
VIL
Inp�t Low Voltage for I/O ports� TMR� INT
5V
0
1.5
V
0
0.�VDD
V
Inp�t low voltage for RES pin
0
0.�VDD
V
VIH
Inp�t High Voltage for I/O ports� TMR� INT
5V
3.5
5
V
0.8VDD
VDD
V
Inp�t high voltage for RES pin
0.�VDD
VDD
V
VLVR
Low Voltage Reset voltage
— LVR enable�
voltage select �.1V
�.0
�.1
�.�
V
IOH
So�rce c�rrent for I/O ports
3V
VOH=0.�VDD
-�.5
-5
mA
5V
-5
-11
mA
IOL
Sink c�rrent for I/O ports
3V
VOL=0.1VDD
7.5
15
mA
5V
15
30
mA
Sink c�rrent for PA7 pin
5V VOL=0.1VDD
3
mA
RPH
P�ll-high resistance for I/O ports
3V
�0
60
100
5V
10
30
50


Número de pieza similar - HT46R003B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Descripción similar - HT46R003B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com