Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT46R003B Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

No. de pieza HT46R003B
Descripción Electrónicos  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Rev. 1.00
30
��ne 1�� �01�
Rev. 1.00
31
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
PBPU Register
Bit
7
6
5
4
3
2
1
0
Name
PBPU5
PBPU�
PBPU3
PBPU�
PBPU1
PBPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5~0
PBPU5~PBPU0:PortBbit5~bit0pull-highcontrol
0:Disable
1:Enable
Port A Wake-up
IftheHALTinstructionisexecuted,thedevicewillentertheSleepMode,wherethesystemclockwill
stopresultinginpowerbeingconserved,afeaturethatisimportantforbatteryandotherlow-power
applications.Variousmethodsexisttowake-upthemicrocontroller,oneofwhichistochangethe
logicconditionononeofthePA0~PA7pinsfromhightolow.AfteraHALTinstructionforcesthe
microcontrollerintoenteringtheSleepMode,theprocessorwillremaininalow-powerstateuntil
thelogicconditionoftheselectedwake-uppinonPortAchangesfromhightolow.Thisfunction
isespeciallysuitableforapplicationsthatcanbewokenupviaexternalswitches.Notethatpins
PA0~PA7canbeselectedindividuallytohavethiswake-upfeatureusinganinternalregisterknown
asPAWU,locatedintheDataMemory.
PAWU Register
Bit
7
6
5
4
3
2
1
0
Name
PAWU7
PAWU6
PAWU5
PAWU�
PAWU3
PAWU�
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWU7~PAWU0:PortAbit7~bit0wake-upcontrol
0:Disable
1:Enable
I/O Port Control Registers
EachporthasitsowncontrolregisterknownasPAC,PBC,whichcontroltheinput/output
configuration.Withthiscontrolregister,eachI/Opinwithorwithoutpull-highresistorscanbe
reconfigureddynamicallyundersoftwarecontrol.FortheI/Opintofunctionasaninput,the
correspondingbitofthecontrolregistermustbewrittenasa“1”.Thiswillthenallowthelogic
stateoftheinputpintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrol
registeriswrittenasa“0”,theI/OpinwillbesetasaCMOSoutput.Ifthepiniscurrentlysetasan
output,instructionscanstillbeusedtoreadtheoutputregister.However,itshouldbenotedthatthe
programwillinfactonlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusofthe
outputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
PAC7
PAC6
PAC5
PAC�
PAC3
PAC�
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
PAC7~PAC0:PortAbit7~bit0Input/Outputcontrol
0:Output
1:Input


Número de pieza similar - HT46R003B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Descripción similar - HT46R003B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com