Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT46R0042 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

No. de pieza HT46R0042
Descripción Electrónicos  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0042 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R0042 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
Rev. 1.00
�8
��to�e� ��� �01�
Rev. 1.00
�9
��to�e� ��� �01�
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
ACSR Register
Bit
7
6
5
4
3
2
1
0
Name
TEST
AD�NB
ADCS�
ADCS1
ADCS0
R/W
R
R/W
R/W
R/W
R/W
P�R
1
0
0
0
0
Bit7
TEST:Fortestmodeuseonly
Bit6
ADONB:A/DConvertermoduleon/offcontrolbit
0:A/DConvertermoduleison
1:A/DConvertermoduleisoff
Note:1.ItisrecommendedtosetADONB=1beforeenteringsleepforsavingpower.
2.ADONB=1willpowerdowntheA/DConvertermodule.
Bit5~3
Unimplemented,readas“0”
Bit2~0
ADCS2~ADCS0:SelectA/DConverterclocksource
000:fSYS/2
001:fSYS/8
010:fSYS/32
011:Undefined
100:fSYS
101:fSYS/4
110:fSYS/16
111:Undefined
ThesethreebitsareusedtoselecttheclocksourcefortheA/Dconverter.
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
PCR�
PCR6
PCR5
PCR�
PCR3
PCR�
PCR1
PCR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
0
0
0
0
0
0
0
Bit7
PCR7:DefinePA5isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN7
Bit6
PCR6:DefinePA4isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN6
Bit5
PCR5:DefinePC0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN5
Bit4
PCR4:DefinePC1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN4
Bit3
PCR3:DefinePA3isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN3
Bit2
PCR2:DefinePA2isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN2
Bit1
PCR1:DefinePA1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN1
Bit0
PCR0:DefinePA0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN0
IfPCR7~PCR0areallzero,theA/DConvertercircuitwillbeofftoreducepower
consumption.


Número de pieza similar - HT46R0042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Descripción similar - HT46R0042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com