Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT46R068B Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

No. de pieza HT46R068B
Descripción Electrónicos  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 91Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 92Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 93Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 94Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 95Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 96Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 97Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 98Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 135 page
background image
Rev. 1.50
94
�e���a�� 05� �015
Rev. 1.50
95
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
• SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Name
SIM�
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
0
0
0
0
Bit7~5
SIM2, SIM1, SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfLXT
100:SPImastermode;SPIclockisTimer/EventCounter0output/2(PFD0)
101:SPIslavemode
110:I2Cslavemode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselection
andtheSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclock
butcanalsobechosentobesourcedfromTimer/EventCounter0.IftheSPISlave
ModeisselectedthentheclockwillbesuppliedbyanexternalMasterdevice.
Bit4
PCKEN:PeripheralClockPincontrol
Describedelsewhere.
Bit3~2
PCKP1, PCKP0:SelectPCKoutputpinfrequency
Describedelsewhere.
Bit1
SIMEN:SIMControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDA
andSCLlineswillbeinafloatingconditionandtheSIMoperatingcurrentwillbe
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.The
SIMconfigurationoptionmusthavefirstenabledtheSIMinterfaceforthisbitto
beeffective.IftheSIMisconfiguredtooperateasanSPIinterfaceviaSIM2~SIM0
bits,thecontentsoftheSPIcontrolregisterswillremainattheprevioussettings
whentheSIMENbitchangesfromlowtohighandshouldthereforebefirst
initialisedbytheapplicationprogram.IftheSIMisconfiguredtooperateasanI2C
interfaceviatheSIM2~SIM0bitsandtheSIMENbitchangesfromlowtohigh,the
contentsoftheI2CcontrolbitssuchasHTXandTXAKwillremainattheprevious
settingsandshouldthereforebefirstinitialisedbytheapplicationprogramwhilethe
relevantI2CflagssuchasHCF,HAAS,HBB,SRWandRXAKwillbesettotheir
defaultstates.
Bit0
unimplemented,readas"0"


Número de pieza similar - HT46R068B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Descripción similar - HT46R068B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com