Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT46RB70 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

No. de pieza HT46RB70
Descripción Electrónicos  48-pin SSOP
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB70 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT46RB70_17 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
HT46RB70
Rev. 1.40
34
2017-04-05
读写 FIFO 时必须按照一定时序进行。通过设定 MISC 寄存器位,MCU 对 FIFO 可以执行读、写和
清除动作。下表为一些读、写和清除 FIFO 的时序。
动作
MISC 设置和状态
读 FIFO0 时序
00H→01H→延时 2
μs,检查是否为 41H(准备好)或 01H(未准备
好)→从 FIFO0 寄存器读取*→03H→02H
写 FIFO0 时序
02H→03H→延时 2
μs,检查是否为 43H(准备好)或 03H(未准备
好)→写数据到 FIFO0 寄存器*→01H→00H
检查 FIFO0 是否可读
00H→01H 延时 2
μs,检查是否为 41H(准备好)或 01H(未准备好)
→00H
检查 FIFO0 是否可写
02H→03H 延时 2
μs,检查是否为 43H(准备好)或 03H(未准备好)
→02H
从 FIFO0 内读取 0 封包
00H→01H→延时 2
μs,检查是否为 81H→读取(01H) →03H→
02H
写 0 封包到 FIFO0 内
02H→03H→延时 2
μs,检查是否为 03H→07H→06H→00H
读或写 FIFO
注意:*:在两次读与写之间必须存在 2
μs 延时
Req.
Ready
Tx
Read FIFO Timing
Req.
Ready
Tx
Write FIFO Timing
标号
R/W
功能
0
DATATG*
R/W
触发此位,所有 DATA 封包都会从 DATA0 开始
1
SETIO1**
R/W
设置端点 1 为输入或输出(1/0),默认为输入(1)
2
SETIO2**
R/W
设置端点 2 为输入或输出(1/0),默认为输入(1)
3
SETIO3**
R/W
设置端点 3 为输入或输出(1/0),默认为输入(1)
4
SETIO4**
R/W
设置端点 4 为输入或输出(1/0),默认为输入(1)
5
SETIO5**
R/W
设置端点 5 为输入或输出(1/0),默认为输入(1)
6~7
未用,读出为“0”
SETIO(27H) 寄存器
注意:*USB 设置:当主机发出“set Configuration”,数据管道会先发出 DATA0。所以,当设备接收到“set Configuration”
封包,必须设置此位以确保数据从 DATA0 开始。
**必须设置数据管道为输入管道还是输出管道。主要用于防止主机错误的发送 IN 或 OUT 封包或禁止端点。


Número de pieza similar - HT46RB70_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
More results

Descripción similar - HT46RB70_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
ZCRMZNICE02ZACG ZILOG-ZCRMZNICE02ZACG Datasheet
248Kb / 6P
   48-PDIP to 48-SSOP package converter
logo
National Semiconductor ...
MS48A NSC-MS48A Datasheet
35Kb / 1P
   MOLDED PACKAGE SSOP,. 300 WIDE 48 LEAD
logo
List of Unclassifed Man...
40-05-015 ETC1-40-05-015 Datasheet
25Kb / 1P
   Package Outline: 48 lead 300 mil SSOP
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
   4 PIN ULTRA SMALL SSOP
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G_14 Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
   28-pin SOP/SKDIP竊?8-pin SSOP
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
   Ultra miniature 4 pin SSOP package
logo
List of Unclassifed Man...
PA20SS-P54 ETC2-PA20SS-P54 Datasheet
27Kb / 1P
   20 pin SSOP socket/18 pin DIP 0.3??plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com