Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT48R002 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

No. de pieza HT48R002
Descripción Electrónicos  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 51Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Rev. 1.11
52
April 11, 2017
Rev. 1.11
53
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Logical and Rotate Operation
ThestandardlogicaloperationssuchasAND,OR,XORandCPLallhavetheirowninstruction
withintheHoltekmicrocontrollerinstructionset.Aswiththecaseofmostinstructionsinvolving
datamanipulation,datamustpassthroughtheAccumulatorwhichmayinvolveadditional
programmingsteps.Inalllogicaldataoperations,thezeroflagmaybesetiftheresultofthe
operationiszero.Anotherformoflogicaldatamanipulationcomesfromtherotateinstructionssuch
asRR,RL,RRCandRLCwhichprovideasimplemeansofrotatingonebitrightorleft.Different
rotateinstructionsexistdependingonprogramrequirements.Rotateinstructionsareusefulforserial
portprogrammingapplicationswheredatacanberotatedfromaninternalregisterintotheCarry
bitfromwhereitcanbeexaminedandthenecessaryserialbitsethighorlow.Anotherapplication
whichrotatedataoperationsareusedistoimplementmultiplicationanddivisioncalculations.
Branches and Control Transfer
ProgrambranchingtakestheformofeitherjumpstospecifiedlocationsusingtheJMPinstruction
ortoasubroutineusingtheCALLinstruction.Theydifferinthesensethatinthecaseofa
subroutinecall,theprogrammustreturntotheinstructionimmediatelywhenthesubroutinehas
beencarriedout.Thisisdonebyplacingareturninstruction“RET”inthesubroutinewhichwill
causetheprogramtojumpbacktotheaddressrightaftertheCALLinstruction.InthecaseofaJMP
instruction,theprogramsimplyjumpstothedesiredlocation.Thereisnorequirementtojumpback
totheoriginaljumpingoffpointasinthecaseoftheCALLinstruction.Onespecialandextremely
usefulsetofbranchinstructionsaretheconditionalbranches.Hereadecisionisfirstmaderegarding
theconditionofacertaindatamemoryorindividualbits.Dependingupontheconditions,the
programwillcontinuewiththenextinstructionorskipoveritandjumptothefollowinginstruction.
Theseinstructionsarethekeytodecisionmakingandbranchingwithintheprogramperhaps
determinedbytheconditionofcertaininputswitchesorbytheconditionofinternaldatabits.
Bit Operations
TheabilitytoprovidesinglebitoperationsonDataMemoryisanextremelyflexiblefeatureofall
Holtekmicrocontrollers.Thisfeatureisespeciallyusefulforoutputportbitprogrammingwhere
individualbitsorportpinscanbedirectlysethighorlowusingeitherthe“SET[m].i”or“CLR[m].i”
instructionsrespectively.Thefeatureremovestheneedforprogrammerstofirstreadthe8-bitoutput
port,manipulatetheinputdatatoensurethatotherbitsarenotchangedandthenoutputtheportwith
thecorrectnewdata.Thisread-modify-writeprocessistakencareofautomaticallywhenthesebit
operationinstructionsareused.
Table Read Operations
Datastorageisnormallyimplementedbyusingregisters.However,whenworkingwithlarge
amountsoffixeddata,thevolumeinvolvedoftenmakesitinconvenienttostorethefixeddatain
theDataMemory.Toovercomethisproblem,HoltekmicrocontrollersallowanareaofProgram
Memorytobesetasatablewheredatacanbedirectlystored.Asetofeasytouseinstructions
providesthemeansbywhichthisfixeddatacanbereferencedandretrievedfromtheProgram
Memory.
Other Operations
Inadditiontotheabovefunctionalinstructions,arangeofotherinstructionsalsoexistsuchas
the“HALT”instructionforPower-downoperationsandinstructionstocontroltheoperationof
theWatchdogTimerforreliableprogramoperationsunderextremeelectricorelectromagnetic
environments.Fortheirrelevantoperations,refertothefunctionalrelatedsections.


Número de pieza similar - HT48R002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Descripción similar - HT48R002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com