Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT48R54A Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

No. de pieza HT48R54A
Descripción Electrónicos  44-pin QFP/LQFP
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R54A Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT48R54A_14 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R54A_14 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
HT48R54A
Rev. 1.30
23
2014-04-03
掩膜选项
掩膜选项
掩膜选项
掩膜选项
下表列出了单片机的所有掩膜选项,所有的掩膜选项必须正确设定,以保证系统功能的实现:
编号
编号
编号
编号
1
系统振荡:RC 振荡/晶体振荡
2
PA0~PA7 位唤醒:有/无(以位为单位)
3
PA 选择上拉电阻:有/无(以端口为单位)
4
WDT 时钟源:WDT 振荡或 fSYS/4 或 32768Hz 振荡
5
WDT 功能:开/关
6
CLR WDT 指令:1 条/2 条指令
7
定时/计数器 0 时钟来源:f
SYS/4 或 fSP
8
LVR 功能:开/关
9
LVR 电压:2.1V,3.15V 或 4.2V
10
Buzzer 功能:BZ 打开,BZ 和 BZ 都打开或都关闭
11
Buzzer 频率:fS/2、fS/4、fS/8 、S/16
12
PA7:普通输出/输出或 PFD 输出


Número de pieza similar - HT48R54A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R54A HOLTEK-HT48R54A_10 Datasheet
283Kb / 39P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
More results

Descripción similar - HT48R54A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
logo
List of Unclassifed Man...
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
   44 pin QFP socket/44 pin QFP plug
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
18081 ARIES-18081 Datasheet
572Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
   40 pin DIP socket/44 pin QFP plug
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
   44 pin QFP socket/28 pin DIP 0.6??plug
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
logo
Ironwood Electronics.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com