Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT48R068B Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

No. de pieza HT48R068B
Descripción Electrónicos  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 68Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 69Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 70Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 71Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 72Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 73Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 74Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 75Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
Rev. 1.30
7�
�e���a�� 0�� �01�
Rev. 1.30
73
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
LCD Bias Control
TheLCDCOMdriverenablesarangeofselectionstobeprovidedtosuittherequirementofthe
LCDpanelwhichisbeingused.ThebiasresistorchoiceisimplementedusingtheISEL1andISEL0
bitsintheSCOMCregister.
SCOMC Register
Bit
7
6
5
4
3
2
1
0
Name
ISEL1
ISEL0
SCOMEN COM3EN COM�EN COM1EN COM0EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
ReservedBit
1:Unpredictableoperation-bitmustNOTbesethigh
0:Correctlevel-bitmustberesettozeroforcorrectoperation
Bit6,5
ISEL1, ISEL0:SCOMoperatingcurrentselection(VDD=5V)
00:25μA
01:50μA
10:100μA
11:200μA
Bit4
SCOMEN:SCOMmoduleon/offcontrol
0:disable
1:enable
SCOMncanbeenablebyCOMnENifSCOMEN=1
Bit3
COM3EN:PB3orSCOM3selection
0:I/O
1:SCOM3
Bit2
COM2EN:PB2orSCOM2selection
0:I/O
1:SCOM2
Bit1
COM1EN:PB1orSCOM1selection
0:I/O
1:SCOM1
Bit0
COM0EN:PB0orSCOM0selection
0:I/O
1:SCOM0


Número de pieza similar - HT48R068B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Descripción similar - HT48R068B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com