Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT56R67 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

No. de pieza HT56R67
Descripción Electrónicos  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT56R67_14 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 93Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 96Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 97Page - Holtek Semiconductor Inc HT56R67_14 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.70
2014-04-04
94
不同的复位形式以不同的途径影响单片机中的内部寄存器。为保证复位发生后程序正常执行,
了解单片机特定的复位后的情况是非常重要的。下表描述了不同复位影响单片机的内部寄存器。注
意,该单片机有不同的封装,对于大型封装可能存在差异。
寄存器
复位
(上电复位)
RES
(正常运行)
WDT 溢出
(正常运行)
WDT 溢出
(暂停模式)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
-00- 0000
-00- 0000
-00- 0000
-uu- uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
RTCC
--00 0111
--00 0111
--00 0111
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--lu uuuu
--11 uuuu
INTC0
0000 0000
0000 0000
0000 0000
uu uu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR1H
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1L
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
0000 1---
0000 1---
0000 1---
uuuu u---
TMR2
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR2C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR3
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR3C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PWM0L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM1L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC1
-000 --00
-000 --00
-000 --00
-uuu --uu
PWM2L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM2H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM3L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
ADRL
xxxx ----
xxxx ----
xxxx ----
uuuu ----


Número de pieza similar - HT56R67_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results

Descripción similar - HT56R67_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com