Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT82A525R Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

No. de pieza HT82A525R
Descripción Electrónicos  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Bit No.
Label
Function
0C
Carry flag
0: no carry-out
1: an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation.
C is also affected by a rotate through carry instruction.
1AC
Auxiliary flag
0: no auxiliary carry
1: an operation results in a carry out of the low nibbles in addition, or no borrow from the high
nibble into the low nibble in subtraction.
2Z
Zero flag
0: The result of an arithmetic or logical operation is not zero
1: The result of an arithmetic or logical operation is zero
3OV
Overflow flag
0: no overflow
1: an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa.
4
PDF
Power down flag
0: After power up or executing the
²CLR WDT² instruction
1: By executing the
²HALT² instruction
5TO
Watchdog Time-Out flag
0: After power up or executing the
²CLR WDT² or ²HALT² instruction
1: A watchdog time-out occurred.
6, 7
¾
Unused bit, read as
²0²
Status (0AH) Register
Interrupts
This device provides external interrupts (INT pin interrupt), USB interrupt, Serial Interface interrupt
and internal timer/event counter interrupts. The Interrupt Control Register0 (INTC0;0BH) and
interrupt control register1 (INTC1:1EH) both contain the interrupt control bits that are used to set the
enable/disable status and interrupt request flags.
Once an interrupt subroutine is serviced, all the other interrupts will be blocked (by clearing the EMI
bit). This scheme may prevent any further interrupt nesting. Other interrupt requests may occur
during this interval but only the interrupt request flag is recorded. If a certain interrupt requires
servicing within the service routine, the EMI bit and the corresponding bit of the INTC0 or INTC1
may be set to allow interrupt nesting. If the stack is full, the interrupt request will not be
acknowledged, even if the related interrupt is enabled, until the stack pointer is decremented. If
immediate service is desired, the stack must be prevented from becoming full.
All these kinds of interrupts have a wake-up capability. As an interrupt is serviced, a control transfer
occurs by pushing the program counter onto the stack, followed by a branch to a subroutine at
specified location in the program memory. Only the program counter is pushed onto the stack. If the
contents of the register or status register (STATUS) are altered by the interrupt service program which
corrupts the desired control sequence, the contents should be saved in advance.
External interrupts can are triggered by a falling edge transition of INT), and the related interrupt
request flag (EIF; bit4 of the INTC0) is set as well. After the interrupt is enabled, the stack is not full,
and the external interrupt is active (INT pin), a subroutine call at location 04H occurs. The interrupt
flag (EIF) and EMI bits are all cleared to disable other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initialized by setting the Timer/Event Counter 0
interrupt request flag (bit 5 of the INTC0), caused by a Timer 0 overflow. When the interrupt is enabled,
the stack is not full and the T0F bit is set, a subroutine call to location 08H will occur. The related
interrupt request flag (T0F) will be reset and the EMI bit cleared to disable further interrupts.
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
Rev. 1.80
18
March 11, 2016


Número de pieza similar - HT82A525R_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Descripción similar - HT82A525R_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com