Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT82R732 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

No. de pieza HT82R732
Descripción Electrónicos  e-Banking 8-Bit OTP MCU
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 66Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 67Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 68Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 69Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 70Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 71Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 72Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 73Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 74Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
48-pin LQFP (7mm
´7mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
¾
0.354 BSC
¾
B
¾
0.276 BSC
¾
C
¾
0.354 BSC
¾
D
¾
0.276 BSC
¾
E
¾
0.020 BSC
¾
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
¾¾
0.063
I
0.002
¾
0.006
J
0.018
0.024
0.030
K
0.004
¾
0.008
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾
9.0 BSC
¾
B
¾
7.0 BSC
¾
C
¾
9.0 BSC
¾
D
¾
7.0 BSC
¾
E
¾
0.5 BSC
¾
F
0.17
0.22
0.27
G
1.35
1.40
1.45
H
¾¾
1.60
I
0.05
¾
0.15
J
0.45
0.60
0.75
K
0.09
¾
0.20
a
0
°¾
7
°
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
73
October 31, 2013
3 6
2 5
3 7
2 4
1 3
1 2
1
4 8
A
B
C
D
E
F
G
H
I
J
K
a


Número de pieza similar - HT82R732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
More results

Descripción similar - HT82R732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com