Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT82R732 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

No. de pieza HT82R732
Descripción Electrónicos  e-Banking 8-Bit OTP MCU
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
Timer/Event Counters
The provision of timers form an important part of any microcontroller, giving the designer a means of
carrying out time related functions. The device contains two count-up timers of 8-bit capacity. As the
timers have three different operating modes, they can be configured to operate as a general timer, an
external event counter or as a pulse width capture device. The provision of an internal prescaler to the
clock circuitry on gives added range to the timers.
There are two types of registers related to the Timer/Event Counters. The first is the register that
contains the actual value of the timer and into which an initial value can be preloaded. Reading from
this register retrieves the contents of the Timer/Event Counter. The second type of associated register
is the Timer Control Register which defines the timer options and determines how the timer is to be
used. The device can have the timer clock configured to come from the internal clock source. In
addition, the timer clock source can also be configured to come from an external timer pin.
Configuring the Timer/Event Counter Input Clock Source
The Timer/Event Counter clock source can originate from various sources, an internal clock or an
external pin. The internal clock source is used when the timer is in the timer mode or in the pulse width
capture mode. For Timer/Event Counter 0, this internal clock source is first divided by a prescaler, the
division ratio of which is conditioned by the Timer Control Register bits T0PSC0~T0PSC2. For
Timer/Event Counter 0, the internal clock source can be either fSYS or the LXT Oscillator, the choice of
which is determined by the T0S bit in the TMR0C register.
An external clock source is used when the Timer/Event Counter n is in the event counting mode, the
clock source being provided on an external timer pin TCn. Depending upon the condition of the TnE
bit, each high to low, or low to high transition on the external timer pin will increment the counter by
one.
Timer Registers
- TMR0, TMR1
The timer registers are special function registers located in the Special Purpose Data Memory and is
the place where the actual timer value is stored. These registers are known as TMR0 and TMR1. The
value in the timer registers increases by one each time an internal clock pulse is received or an external
transition occurs on the external timer pin. The timer will count from the initial value loaded by the
preload register to the full count of FFH at which point the timer overflows and an internal interrupt
signal is generated. The timer value will then be reset with the initial preload register value and
continue counting. Note that to achieve a maximum full range count of FFH, the preload register must
first be cleared to all zeros. It should be noted that after power-on, the preload registers will be in an
unknown condition.
Note that if the Timer/Event Counter is in an OFF condition and data is written to its preload register,
this data will be immediately written into the actual counter. However, if the counter is enabled and
counting, any new data written into the preload data register during this period will remain in the
preload register and will only be written into the actual counter the next time an overflow occurs.
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
35
October 31, 2013


Número de pieza similar - HT82R732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
More results

Descripción similar - HT82R732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com