Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT98R068-1 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

No. de pieza HT98R068-1
Descripción Electrónicos  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
Rev. 1.10
�8
�e���a�� 1�� �01�
Rev. 1.10
�9
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
System Control Register – CTRL0, CTRL1, CTRL2
These registers are used to provide control over various internal functions. Some of these include the
PFD control, Audio Processor control, certain system clock options, the LXT Oscillator low power
control, external Interrupt edge trigger type, Watchdog Timer enable function, Time Base function
division ratio, and the LXT oscillator enable control.
CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
PC�G
P�DCS
P�DC
LXTLP
CLKMOD
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
1
Bit7
PCFG: I/O configuration
0: INT/TMR0/PFD pin-shared with PA3/PA2/PA1
1: INT/TMR0/PFD pin-shared with PB4/PB5/PB6
Bit6
PFDCS: PFD clock source
0: timer0
1: timer1
Bit5~3
Unimplemented, read as “0”.
Bit2
PFDC: I/O or PFD
0: I/O
1: PFD
Bit1
LXTLP: LXT oscillator low power control function
0: LXT Oscillator quick start-up mode
1: LXT Oscillator Low Power Mode
Bit0
CLKMOD: system clock mode selection
0: High system clock -PLL mode.
1: Low system clock - LXT used as system clock.
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
INTEG1
INTEG0
TBSEL1
TBSEL0
WDTEN�
WDTEN�
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
0
0
0
1
0
1
0
Bit 7, 6
INTEG1, INTEG0: External interrupt edge type
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
Bit 5, 4
TBSEL1, TBSEL0: Time base period selection
00: 210× (1/fTP)
01: 211× (1/fTP)
10: 212× (1/fTP)
11: 213× (1/fTP)


Número de pieza similar - HT98R068-1_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Descripción similar - HT98R068-1_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com