Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA12399 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza CA12399
Descripción Electrónicos  Tina series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CA12399 Datasheet(HTML) 1 Page - Cree, Inc

  CA12399 Datasheet HTML 1Page - Cree, Inc CA12399 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Tina series
last update 26/7/2012
DETAILS
Product Number
CA12399_TINA2-RS
Family
Tina
Type
Assembly
Color
white
Diameter
16,1 mm
Height
10,5 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
26/07/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L400
24 deg
Real spot
94 %
3.800
-
July 7th 2017 7:05 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - CA12399

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA12399 LEDIL-CA12399 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12399 LEDIL-CA12399_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
More results

Descripción similar - CA12399

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
   Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
   Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
   Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
   Tina series
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
   Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
   Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
   Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
   Tina series
CA12374 CREE-CA12374 Datasheet
1Mb / 22P
   Tina series
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
   Tina series
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com