Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8XC552 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 8XC552
Descripción Electrónicos  80C51 FAMILY DERIVATIVES
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 5 Page - NXP Semiconductors

  8XC552 Datasheet HTML 1Page - NXP Semiconductors 8XC552 Datasheet HTML 2Page - NXP Semiconductors 8XC552 Datasheet HTML 3Page - NXP Semiconductors 8XC552 Datasheet HTML 4Page - NXP Semiconductors 8XC552 Datasheet HTML 5Page - NXP Semiconductors 8XC552 Datasheet HTML 6Page - NXP Semiconductors 8XC552 Datasheet HTML 7Page - NXP Semiconductors 8XC552 Datasheet HTML 8Page - NXP Semiconductors 8XC552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
5
Table 1.
8XC552 Special Function Registers (Continued)
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
PWMP#
PWM1#
PWM0#
PWM prescaler
PWM register 1
PWM register 0
FEH
FDH
FCH
00H
00H
00H
RTE#
Reset/toggle enable
EFH
TP47
TP46
RP45
RP44
RP43
RP42
RP41
RP40
00H
SP
Stack pointer
81H
07H
S0BUF
Serial 0 data buffer
99H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
S0CON*
Serial 0 control
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
S1ADR#
Serial 1 address
DBH
 SLAVE ADDRESS 
GC
00H
SIDAT#
Serial 1 data
DAH
00H
S1STA#
Serial 1 status
D9H
SC4
SC3
SC2
SC1
SC0
0
0
0
F8H
DF
DE
DD
DC
DB
DA
D9
D8
SICON#*
Serial 1 control
D8H
CR2
ENS1
STA
ST0
SI
AA
CR1
CR0
00H
STE#
Set enable
EEH
TG47
TG46
SP45
SP44
SP43
SP42
SP41
SP40
C0H
TH1
TH0
TL1
TL0
TMH2#
TML2#
Timer high 1
Timer high 0
Timer low 1
Timer low 0
Timer high 2
Timer low 2
8DH
8CH
8BH
8AH
EDH
ECH
00H
00H
00H
00H
00H
00H
TMOD
Timer mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TM2CON#
Timer 2 control
EAH
T2IS1
T2IS0
T2ER
T2B0
T2P1
T2P0
T2MS1
T2MS0
00H
CF
CE
CD
CC
CB
CA
C9
C8
TM2IR#*
Timer 2 int flag reg
C8H
T20V
CMI2
CMI1
CMI0
CTI3
CTI2
CTI1
CTI0
00H
T3#
Timer 3
FFH
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.
ECT0
BIT
SYMBOL
FUNCTION
IEN1.7
ET2
Enable Timer T2 overflow interrupt(s)
IEN1.6
ECM2
Enable T2 Comparator 2 interrupt
IEN1.5
ECM1
Enable T2 Comparator 1 interrupt
IEN1.4
ECM0
Enable T2 Comparator 0 interrupt
IEN1.3
ECT3
Enable T2 Capture register 3 interrupt
IEN1.2
ECT2
Enable T2 Capture register 2 interrupt
IEN1.1
ECT1
Enable T2 Capture register 1 interrupt
IEN1.0
ECT0
Enable T2 Capture register 0 interrupt
SU00755
ECT1
ECT2
ECT3
ECM0
ECM1
ECM2
ET2
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IEN1 (E8H)
Figure 2. Timer T2 Interrupt Enable Register (IEN1)


Número de pieza similar - 8XC552

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
8XC51 INTEL-8XC51 Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
8XC51 NXP-8XC51 Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51FB PHILIPS-8XC51FB Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Descripción similar - 8XC552

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com