Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-1377175-8 Datasheet(PDF) 8 Page - TE Connectivity Ltd

No. de pieza 0-1377175-8
Descripción Electrónicos  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-8 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 0-1377175-8 Datasheet HTML 4Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 5Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 9Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 10Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 11Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Rectangular Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-8
Spade Tongue Terminals
4
.237
.404
.810
1.015
.195
.140
327962
22–16
.033
6.02
10.26 20.57 25.78
4.95
3.56
(0.26–1.65)
0.84
6
.237
.404
.810
1.015
.195
.140
2-327956-1
M3.5
6.02
10.26 20.57 25.78
4.95
3.56
6
.244
.312
.716
.856
.125
.170
33173
16–14
.033
M3.5
6.20
7.92
18.19 21.74
3.18
4.32
(1.04–2.62)
0.84
8
.302
.465
.872
1.109
.227
.150
2-327946-4
M4
7.67
11.81 22.15 28.17
5.77
3.81
5
.277
.277
.889
1.042
.143
.230
327954
12–10
.042
M3
7.04
7.04
22.58 26.47
3.63
5.84
(2.62–6.64)
1.07
6
.237
.404
.998
1.203
.195
.230
2-327960-1
M3.5
6.02
10.26 25.35 30.56
4.95
5.84
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
except where noted
Plating:
Tin per ASTM B-545
26–24
.029
6
.250
.211
.632
.709
.072
.095
-
53115-2
(0.12–0.24)
0.74
M3.5
6.35
5.36
16.05 18.01
1.83
2.41
26–22
.020
4
.203
.211
.542
.627
.076
.082
321035
2-321035-1
(0.10–0.41)
0.51
5.16
5.36
13.77 15.93
1.93
2.08
2
.182
.203
.607
.727
.115
.140
2-328394-1
M2
4.62
5.16
15.42 18.47
2.92
3.56
.218
.156
.560
.674
.109
.125
1-327717-0
4
5.54
3.96
14.22 17.12
2.77
3.18
.218
.156
.560
.674
.109
.140
327717
5.54
3.96
14.22 17.12
2.77
3.56
.297
.203
.607
.753
.141
.125
34080
2-34080-1
22–16
.033
6
7.54
5.16
15.42 19.13
3.58
3.18
(0.26–1.65)
0.84
M3.5
.297
.203
.607
.753
.141
.140
2-326861-1
7.54
5.16
15.42 19.13
3.58
3.56
8
.375
.312
.716
.908
.187
.125
32050
M4
9.53
7.92
18.19 23.06
4.75
3.18
.375
.312
.716
.908
.187
.125
32051
2-32051-1
10
9.53
7.92
18.19 23.06
4.75
3.18
.375
.312
.716
.908
.187
.140
32054
2-32054-1
9.53
7.92
18.19 23.06
4.75
3.56
6
.297
.203
.607
.753
.141
.170
2-35559-1
16–14
.033
M3.5
7.54
5.16
15.42 19.13
3.58
4.32
(1.04–2.62)
0.84
.385
.312
.716
.908
.187
.170
2-32060-1
10
9.78
7.92
18.19 23.06
4.75
4.32
6.312
.296
.887
1.095
.203
.230
2-326859-1
M3.5
7.92
7.52
22.53 27.81
5.16
5.84
.406
.296
.887
1.095
.203
.230
2-32588-1
12–10
.042
8
10.31
7.52
22.53 27.81
5.16
5.84
(2.62–6.64)
1.07
M4
.406
.296
.887
1.095
.203
.250
35152
10.31
7.52
22.53 27.81
5.16
6.35
10
.406
.296
.887
1.095
.203
.230
2-32589-1
10.31
7.52
22.53 27.81
5.16
5.84
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
except where noted
Plating:
Tin per ASTM B-545
L
E
W
C
X
L
E
W
C
X
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted


Número de pieza similar - 0-1377175-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

Descripción similar - 0-1377175-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com