Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1377175-7 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza 2-1377175-7
Descripción Electrónicos  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1377175-7 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  2-1377175-7 Datasheet HTML 1Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 2Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 3Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 4Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 5Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 6Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 7Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 8Page - TE Connectivity Ltd 2-1377175-7 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Ring Tongue Terminals – Nylon (continued)
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-4
.469
.437
.841
1.078
.125
320572
2-320572-1
11.91 11.10 21.36 27.38
3.18
5/16
.469
.437
.841
1.078
.140
31895
2-31895-1
M8
11.91 11.10 21.36 27.38
3.56
.531
.546
.950
1.218
.125
324123
13.49 13.87 24.13 30.94
3.18
.531
.546
.950
1.218
.125
320573
2-320573-4
3/8
13.49 13.87 24.13 30.94
3.18
.531
.546
.950
1.218
.140
31897
2-31897-2
13.49 13.87 24.13 30.94
3.56
1/2
.713
.530
.934
1.293
.125
328975
M12
18.11 13.46 23.72 32.84
3.18
.250
.171
.575
.703
.150
324159
2-324159-2
6.35
4.34
14.61 17.86
3.81
4
.250
.171
.575
.703
.170
2-328996-1
6.35
4.34
14.61 17.86
4.32
.250
.281
.685
.813
.150
323676
6.35
7.14
17.40 20.65
3.81
.250
.171
.575
.703
.150
2-320561-2
6.35
4.34
14.61 17.86
3.81
.250
.281
.685
.813
.170
50881
0-050881-2
6
6.35
7.14
17.40 20.65
4.32
M3.5
.312
.250
.654
.813
.170
326882
2-326882-1
7.92
6.35
16.61 20.65
4.32
.343
.281
.685
.859
.150
36157
8.71
7.14
17.40 21.82
3.81
.312
.250
.654
.813
.170
0-053941-2
8
7.92
6.35
16.61 20.65
4.32
M4
.343
.281
.685
.859
.150
320560
2-320560-1
8.71
7.14
17.40 21.82
3.81
.312
.250
.654
.813
.170
-153942-1
0-053942-2
7.92
6.35
16.61 20.65
4.32
10
.343
.281
.685
.859
.150
320574
2-320574-2
8.71
7.14
17.40 21.82
3.81
.469
.437
.841
1.078
.170
324533
11.91 11.10 21.36 27.38
4.32
.469
.437
.841
1.078
.150
320575
2-320575-1
5/16
11.91 11.10 21.36 27.38
3.81
M8
.469
.437
.841
1.078
.170
328998
2-328998-1
11.91 11.10 21.36 27.38
4.32
.531
.546
.950
1.218
.150
320564
3/8
13.49 13.87 24.13 30.94
3.81
.531
.546
.950
1.218
.170
2-328999-1
13.49 13.87 24.13 30.94
4.32
1/2
.713
.530
.934
1.293
.170
328849
M12
18.11 13.46 23.72 32.84
4.32
.281
.219
.810
.953
.230
320631
6
7.14
5.56
20.57 24.21
5.84
M3.5
.281
.219
.810
.953
.250
35634
7.14
5.56
20.57 24.21
6.35
.343
.281
.872
1.046
.230
320627
8
8.71
7.14
22.15 26.57
5.84
M4
.343
.281
.872
1.046
.250
35106
2-35106-1
8.71
7.14
22.15 26.57
6.35
10
.343
.281
.872
1.046
.230
320630
2-320630-2
8.71
7.14
22.15 26.57
5.84
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
L
E
C
W
22–16
(0.26–1.65)
.033
0.84
, 16–14HD,
(1.04–2.62)
.050
1.27
16–14
(1.04–2.62)
.033
0.84
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545


Número de pieza similar - 2-1377175-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
2-1372209-1 TEC-2-1372209-1 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372209-1 TEC-2-1372209-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372269-9 TEC-2-1372269-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-5 TEC-2-1372328-5 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-6 TEC-2-1372328-6 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Descripción similar - 2-1377175-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com