Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT1G66GV Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AHCT1G66GV
Descripción Electrónicos  Bilateral switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G66GV Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT1G66GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 13Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2002 Jun 06
10
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
handbook, halfpage
0246
Vis (V)
RON
(
Ω)
40
30
10
0
20
MNA630
VCC = 3.0 V
4.5 V
5.5 V
Fig.8
Typical ON-resistance as a function of input
voltage.


Número de pieza similar - 74AHCT1G66GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT1G66GV NXP-74AHCT1G66GV Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
74AHCT1G66GV NXP-74AHCT1G66GV Datasheet
128Kb / 17P
   74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GV NEXPERIA-74AHCT1G66GV Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHCT1G66GV-Q100 NEXPERIA-74AHCT1G66GV-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66GV-Q100 NEXPERIA-74AHCT1G66GV-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

Descripción similar - 74AHCT1G66GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com