Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4370DY Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI4370DY
Descripción Electrónicos  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4370DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4370DY Datasheet HTML 1Page - Vishay Siliconix SI4370DY Datasheet HTML 2Page - Vishay Siliconix SI4370DY Datasheet HTML 3Page - Vishay Siliconix SI4370DY Datasheet HTML 4Page - Vishay Siliconix SI4370DY Datasheet HTML 5Page - Vishay Siliconix SI4370DY Datasheet HTML 6Page - Vishay Siliconix SI4370DY Datasheet HTML 7Page - Vishay Siliconix SI4370DY Datasheet HTML 8Page - Vishay Siliconix SI4370DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si4370DY
Vishay Siliconix
www.vishay.com
2
Document Number: 72022
S-32621—Rev. C, 29-Dec-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS ID = 250 mA
Ch-1
1.0
3.0
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
Ch-2
0.8
2.0
V
Gate Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
Ch-1
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
Ch-2
"100
nA
VDS = 30 V VGS = 0 V
Ch-1
1
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-2
100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V VGS = 0 V TJ = 85_C
Ch-1
15
mA
VDS = 30 V, VGS = 0 V, TJ = 85_C
Ch-2
2000
On State Drain Currentb
ID( )
VDS = 5 V VGS = 10 V
Ch-1
20
A
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch-2
20
A
VGS = 10 V ID = 7 5 A
Ch-1
0.014
0.022
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 7.5 A
Ch-2
0.015
0.022
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4 5 V ID = 6 5 A
Ch-1
0.024
0.030
W
VGS = 4.5 V, ID = 6.5 A
Ch-2
0.020
0.028
Forward Transconductanceb
gf
VDS = 15 V ID = 7 5 A
Ch-1
19
S
Forward Transconductanceb
gfs
VDS = 15 V, ID = 7.5 A
Ch-2
21
S
Diode Forward Voltageb
VSD
IS = 1 A VGS = 0 V
Ch-1
0.75
1.2
V
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch-2
0.47
0.5
V
Dynamica
Total Gate Charge
Qg
Ch-1
7
11
Total Gate Charge
Qg
Ch-2
11.5
18
Gate Source Charge
Q
VDS = 15 V VGS = 4 5 V ID = 7 5 A
Ch-1
2.9
nC
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 7.5 A
Ch-2
3.8
nC
Gate Drain Charge
Q d
Ch-1
2.5
Gate-Drain Charge
Qgd
Ch-2
3.5
Gate Resistance
R
Ch-1
0.5
1.5
1.9
W
Gate Resistance
Rg
Ch-2
0.5
1.8
1.9
W
Turn On Delay Time
td( )
Ch-1
9
15
Turn-On Delay Time
td(on)
Ch-2
12
20
Rise Time
t
Ch-1
10
17
Rise Time
tr
VDD = 15 V, RL = 15 W
Ch-2
10
17
Turn Off Delay Time
td( ff)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
Ch-1
19
30
ns
Turn-Off Delay Time
td(off)
g
Ch-2
40
66
ns
Fall Time
tf
Ch-1
9
15
Fall Time
tf
Ch-2
9
15
Source Drain Reverse Recovery Time
t
IF = 1 7 A di/dt = 100 A/ms
Ch-1
35
55
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
Ch-2
28
45
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 30 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 100_C
0.7
10
mA
Maximum Reverse Leakage Current
Irm
Vr = −30 V, TJ = 125_C
3.0
20
mA
Junction Capacitance
CT
Vr = 10 V
50
pF


Número de pieza similar - SI4370DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4376DY VISHAY-SI4376DY Datasheet
113Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 18-Aug-03
SI4376DY-T1 VISHAY-SI4376DY-T1 Datasheet
113Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 18-Aug-03
SI4378DY VISHAY-SI4378DY Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-E3 VISHAY-SI4378DY-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-T1-E3 VISHAY-SI4378DY-T1-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
More results

Descripción similar - SI4370DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com