|
| NTE1408 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (fi(FCI) = 2.52MHz, VCC = 6.2V, VSS = 0V, TA = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Output Terminal FSO High Level Output Current IOH(1) VO = 4.7V –1.0 –1.5 – mA Low Level Output Current IOL(1) VO = 1.5V 1.0 1.5 – mA Output Leakage Current ILeak(4) VO = 0, 6.2V – – ±30 µA Output Terminal HSS High Level Output Current IOH(2) VO = 4.7V 1.0 –1.5 – mA Low Level Output Current IOL(2) VO = 1.5V 1.0 1.5 – mA Output Leakage Current ILeak(5) VO = 0V, 6.2V – – ±30 µA Delay Time tpd(1) With Respect to SYNC – – 500 ns Output Terminal HDO Low level Output Current IOL(3) VO = 1.5V 2 3 – mA Output Leakage Current ILeak(6) VO = 12V – – 30 µA Delay Time tpd(2) With Respect to SYNC – – 500 ns Output Terminal FH0, FH7, MMO High Level Output Current IOH(3) VO = 4.7V –0.5 –0.75 – mA Low Level Output Current IOL(4) VO = 1.5V 0.5 0.75 – mA Output Leakage Current ILeak(7) VO = 0V, 6.2V – – ±30 µA .700 (17.78) .100 (2.54) 18 16 9 .200 (5.08) Max .870 (22.0) Max .260 (6.6) Max .099 (2.5) Min FH7 HDI FCI FSO VSS FH0 VDD IDI SYNC DOC MMO CNP MMI HDO PGI 1 2 3 4 5 6 7 8 16 15 14 13 HSS 12 11 10 9 Pin Connection Diagram |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1813 | Integrated Circuit Color Signal Processor for VCR | 1 2 | NTE Electronics |
| NTE1556 | Integrated Circuit VIR Signal Processor for Color TV | 1 2 | NTE Electronics |
| NTE15030 | Integrated Circuit CMOS Color Processing Circuit for VCR | 1 2 3 | NTE Electronics |
| NTE1712 | Integrated Circuit Record Video Signal Processor for VCR | 1 2 | NTE Electronics |
| NTE7148 | Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection | 1 2 3 4 5 More | NTE Electronics |
| NTE1814 | Integrated Circuit CMOS Color Processing Circuit for VCR | 1 2 3 | NTE Electronics |
| NTE1266 | Integrated Circuit Color AGC Circuit for VCR | 1 2 | NTE Electronics |
| NTE1846 | Integrated Circuit NTSC System Single-Chip Color TV Signal Processor | 1 2 | NTE Electronics |
| NTE1416 | Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV | 1 2 3 4 5 | NTE Electronics |
| NTE7060 | Integrated Circuit NTSC Single Chip Color TV Signal Processor | 1 2 3 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |