Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10080CIMT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC10080CIMT
Descripción Electrónicos  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10080CIMT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC10080CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 9Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 10Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 11Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 12Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 13Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, the following specifications apply:
V
SSA =VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN =2VP-P, STBY = 0V, VREF = 1.2V, (External Supply) fCLK = 80 MHz,
f
IN , 39 MHz, 50% Duty Cycle.
DNL
DNL vs. f
CLK
20048512
20048515
DNL vs. Clock Duty Cycle (DC input)
DNL vs. Temperature
20048513
20048516
INL
INL vs. f
CLK
20048514
20048517
www.national.com
10


Número de pieza similar - ADC10080CIMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10080CIMT/NOPB TI1-ADC10080CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC10080CIMTX/NOPB TI1-ADC10080CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
More results

Descripción similar - ADC10080CIMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com