Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM24LC21S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
AM24LC21S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 13 page AM24LC21 Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM (Preliminary) Anachip Corp. www.anachip.com.tw Rev 0.0 Aug 10, 2002 3/13 Absolute Maximum Ratings (Note) Symbol Parameter Rating Unit VCC Voltage with respect to ground 7 V VSS All inputs and outputs w.r.t. -0.6V to Vcc+1 V TOP Operating temperature 0 to + 70 (commercial) -40 to +85 (industrial) °C TSTG Storage temperature -65 to +125 °C DC Electrical Characteristics ( Vcc=2.5V to 5.5V, T AC=0 oC ~ +70oC, TAI= -40oC ~ +85oC) Symbol Parameter Conditions Min. Max. Unit VIH SCL and SDA pins: High level input voltage − 0.7Vcc − V VIL SCL and SDA pins: Low level input voltage − − 0.3Vcc V VIH VCLK pin input level: High level input voltage VCC ≥2.7V (Note) 2 − V VIL VCLK pin input levels: Low level input voltage VCC <2.7V (Note) − 0.2Vcc V VHYS Hysteresis of Schmitt trigger inputs (Note) 0.05Vcc − V VOL1 Low level output voltage IOL=3mA, VCC=2.5V (Note) − 0.4 V VOL2 Low level output voltage IOL=6mA, VCC=2.5V − 0.6 V ILI Input leakage current VIN = 0.1V to VCC -10 10 uA ILO Output leakage current VOUT = 0.1V to VCC -10 10 uA ICC(Write) Operating current VCC = 5.5V, SCL=400Khz − 3 mA ICC(Read) Operating current VCC = 5.5V, SCL=400Khz − 1 mA ICCS standby current VCC = 3V, SDA=SCL= VCC VCC = 5.5V, SDA=SCL= VCC, VCLK=VSS − − 30 100 uA Note : This parameter is periodically sampled and not 100% tested |
Número de pieza similar - AM24LC21S |
|
Descripción similar - AM24LC21S |