Nombre de pieza
         Descripción
BUZ11

 30A, 50V, 0.040 Ohm, N-Channel Power MOSFET ( 6 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
©2001 Fairchild Semiconductor Corporation
BUZ1 Rev. A
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
BUZ11
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Continuous Drain Current
TC = 30
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
30
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
120
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
75
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
DIN Humidity Category - DIN 40040 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
E
IEC Climatic Category - DIN IEC 68-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55/150/56
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
50
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 1mA (Figure 9)
2.1
3
4
V
Zero Gate Voltage Drain Current
IDSS
TJ = 25
oC, V
DS = 50V, VGS = 0V
-
20
250
µA
TJ = 125
oC, V
DS = 50V, VGS = 0V
-
100
1000
µA
Gate to Source Leakage Current
IGSS
VGS = 20V, VDS = 0V
-
10
100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 15A, VGS = 10V (Figure 8)
-
0.03
0.04
Forward Transconductance (Note 2)
gfs
VDS = 25V, ID = 15A (Figure 11)
4
8
-
S
Turn-On Delay Time
td(ON)
VCC = 30V, ID 3A, VGS = 10V, RGS = 50Ω,
RL = 10Ω
-30
45
ns
Rise Time
tr
-
70
110
ns
Turn-Off Delay Time
td(OFF)
-
180
230
ns
Fall Time
tf
-
130
170
ns
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz (Figure 10)
-
1500
2000
pF
Output Capacitance
COSS
-
750
1100
pF
Reverse Transfer Capacitance
CRSS
-
250
400
pF
Thermal Resistance Junction to Case
RθJC
≤ 1.67
oC/W
Thermal Resistance Junction to Ambient
RθJA
≤ 75
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
TC = 25
oC-
-
30
A
Pulsed Source to Drain Current
ISDM
TC = 25
oC
-
-
120
A
Source to Drain Diode Voltage
VSD
TJ = 25
oC, I
SD = 60A, VGS = 0V
-
1.7
2.6
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 30A, dISD/dt = 100A/µs,
VR = 30V
-
200
-
ns
Reverse Recovery Charge
QRR
-
0.25
-
µC
NOTES:
2. Pulse Test: Pulse width
≤ 300ms, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
BUZ11
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BUZ1130A 50V 0.040 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
RFG75N05E75A 50V 0.008 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
BUZ7114A 50V 0.100 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
BUZ71A13A 50V 0.120 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUF76419P327A 60V 0.040 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF25030A 200V 0.085 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
RFP25N0525A 50V 0.047 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
RFP25N05L25A 50V 0.047 Ohm Logic Level N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
STB30NS15N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
HUF75229P344A 50V 0.022 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl