Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL22SCAG015F Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22SCAG015F Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 6 page Series TL Fully Illuminated Toggles A130 A www.nkkswitches.com TL22DNAW016G TYPICAL SWITCH DIMENSIONS 17.5mm Toggle 2b 1b 2a 1a v L ( ) I L ( ) I (1.17) Typ .046 (2.0) Typ .079 (5.0) Typ .197 (2.5) .098 (6.0) Dia .236 25° M12 P1 (17.5) .689 (10.0) .394 (21.0) .827 (5.4) .213 (0.5) Typ .020 (3.5) .138 (0.6) Typ .024 (4.7) Typ .185 (0.8) Typ .031 (13.5) .531 (1.1) x (2.0) Typ .043 x .079 Keyway (4.5) .177 (18.0) Sq .709 TL22SCAG015C 11.0mm Toggle 2b 1b 2a 1a v L ( ) I L ( ) I (1.17) Typ .046 (2.0) Typ .079 (5.0) Typ .197 25° M12 P1 (11.0) .433 (10.0) .394 (21.0) .827 (5.4) .213 (0.5) Typ .020 (3.5) .138 (0.6) Typ .024 (4.7) Typ .185 (0.8) Typ .031 (13.5) .531 (1.1) x (2.0) Typ .043 x .079 (2.5) .098 Keyway (6.0) .236 (18.0) Sq .709 LED CODES & SPECIFICATIONS Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation. If the source voltage is greater than rated voltage, a ballast resistor is required. The ballast resistor calculation and more lamp detail are shown in Supplement section. Colored Toggles Clear Toggles Bright Super Bright LED Factory Assembled Not Available Separately Color Red Amber Green White Green Blue Maximum Forward Current I FM 30mA 30mA 50mA 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA 20mA 20mA 20mA Forward Voltage V F 2.0V 2.1V 2.27V 3.3V 3.3V 3.3V Maximum Reverse Voltage V RM 4V 4V 4V 7V 7V 7V Current Reduction Rate Above 25°C ∆I F 0.32mA/°C 0.32mA/°C 0.50mA/°C 0.40mA/°C 0.40mA/°C 0.40mA/°C Ambient Temperature Range –10°C ~ +55°C –10°C ~ +55°C 5 D F C G B F 6 ATTENTION ELECTROSTATIC SENSITIVE DEVICES Super Bright LEDs are Electrostatic Sensitive |
Número de pieza similar - TL22SCAG015F |
|
Descripción similar - TL22SCAG015F |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |