Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX79C33 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza BZX79C33
Descripción Electrónicos  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX79C33 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BZX79C33 Datasheet HTML 1Page - Fairchild Semiconductor BZX79C33 Datasheet HTML 2Page - Fairchild Semiconductor BZX79C33 Datasheet HTML 3Page - Fairchild Semiconductor BZX79C33 Datasheet HTML 4Page - Fairchild Semiconductor BZX79C33 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BZX79C2V4 - BZX79C180, Rev. B1
Top Mark Information
Device
Line 1
Line 2
Line 3
Line 4
BZX79C2V4
BZX79C2V7
BZX79C3V0
BZX79C3V3
BZX79C3V6
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
2V4
2V7
3V0
3V3
3V6
XY
XY
XY
XY
XY
BZX79C3V9
BZX79C4V3
BZX79C4V7
BZX79C5V1
BZX79C5V6
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
3V9
4V3
4V7
5V1
5V6
XY
XY
XY
XY
XY
BZX79C6V2
BZX79C6V8
BZX79C7V5
BZX79C8V2
BZX79C9V1
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
6V2
6V8
7V5
8V2
9V1
XY
XY
XY
XY
XY
BZX79C10
BZX79C11
BZX79C12
BZX79C13
BZX79C14
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
10
11
12
13
14
XY
XY
XY
XY
XY
BZX79C16
BZX79C18
BZX79C20
BZX79C22
BZX79C24
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
16
18
20
22
24
XY
XY
XY
XY
XY
BZX79C27
BZX79C30
BZX79C33
BZX79C36
BZX79C39
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
27
30
33
36
39
XY
XY
XY
XY
XY
BZX79C43
BZX79C47
BZX79C51
BZX79C56
BZX79C62
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
43
47
51
56
62
XY
XY
XY
XY
XY
BZX79C68
BZX79C75
BZX79C82
BZX79C91
BZX79C100
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
68
75
82
91
100
XY
XY
XY
XY
XY
BZX79C110
BZX79C120
BZX79C130
BZX79C150
BZX79C160
LOGO
LOGO
LOGO
LOGO
LOGO
79C
79C
79C
79C
79C
110
120
130
150
160
XY
XY
XY
XY
XY
BZX79C180
LOGO
79C
180
XY


Número de pieza similar - BZX79C33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BZX79C33 FAIRCHILD-BZX79C33 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C33 CDIL-BZX79C33 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C33 EIC-BZX79C33 Datasheet
36Kb / 2P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX79C33 NJSEMI-BZX79C33 Datasheet
132Kb / 2P
   ZENER DIODES
logo
First Components Intern...
BZX79C33 FCI-BZX79C33 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Descripción similar - BZX79C33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com