Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFUSCD04065A Datasheet(PDF) 4 Page - Littelfuse

No. de pieza LFUSCD04065A
Descripción Electrónicos  Enhanced surge capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFUSCD04065A Datasheet(HTML) 4 Page - Littelfuse

  LFUSCD04065A Datasheet HTML 1Page - Littelfuse LFUSCD04065A Datasheet HTML 2Page - Littelfuse LFUSCD04065A Datasheet HTML 3Page - Littelfuse LFUSCD04065A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/05/16
SiC Schottky Diode
LFUSCD04065A, 650 V, 4 A,TO-220 2-lead
Dimensions-Package TO-220 2-lead
Packing Specification ( Tube for TO-220 2-lead )
Symbol
Inches
Millimeters
Min
Max
Min
Max
A
0.165
0.185
4.19
4.70
A1
0.048
0.052
1.22
1.32
A2
0.094
0.098
2.39
2.49
b
0.025
0.035
0.64
0.89
b2
0.045
0.055
1.14
1.40
C
0.018
0.025
0.46
0.64
D
0.595
0.615
15.11
15.62
D1
0.355
0.365
9.02
9.27
E
0.381
0.391
9.68
9.93
e1
0.198
0.202
5.03
5.13
L
0.500
0.510
12.70
12.95
L1
0.120
0.150
3.05
3.81
øP
0.143
0.147
3.63
3.73
Q
0.100
0.120
2.54
3.05
Part Marking System
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
LFUSCD04065A
LFUSCD04065A
50 pcs / Tube
500
Mounting
M3/M3.5
1Nm
Torque
Screw
8.8 lbf-in
Note: All units in Millimeters. Tolerances ± 0.25mm unless otherwise specified.
LFUSCD
04065A
PYWXX ZZZ
SCD
= SiC diode
04
= Current Rating(4A)
065
= Voltage Rating (650V)
A
= TO-220-2 package
PYWXX
= Date Code
ZZZ
= Lot Number
LFU
= Littelfuse
Date code notes:
P = assembly code
Y = year
W = week
XX = sequencial build number


Número de pieza similar - LFUSCD04065A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
More results

Descripción similar - LFUSCD04065A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
LFUSCD20065B LITTELFUSE-LFUSCD20065B Datasheet
519Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD16065B LITTELFUSE-LFUSCD16065B Datasheet
509Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com