Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-5150 Datasheet(PDF) 7 Page - Broadcom Corporation.

No. de pieza HCPL-5150
Descripción Electrónicos  0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5150 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HCPL-5150 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 10Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Broadcom
- 7 -
HCPL-5150 and HCPL-5151,
DLA SMD 5962-04205
Data Sheet
Package Characteristics
Over recommended operating conditions (TA = –55°C to +125°C) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroupsa
a.
Commercial parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD and Class H parts receive 100% testing at 25°C, 125°Cm and –55°C (Subgroups 1
and 9, 2 and 10, 3 and 11, respectively).
Limits
Unit
Fig.
Notes
Min
Typb
b.
All typical values at TA = 25°C and VCC – VEE = 30V, unless otherwise noted.
Max
Input-Output Leakage Current
II-O
VI-O = 1500 Vdc RH ≤ 65%,
t = 5s, TA = 25°C
1—
1.0
μA
c, d
c.
This is a momentary withstand test, not an operating condition.
d.
Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
Resistance (Input-Output)
RI-O
VI-O = 500 Vdc
1010
—Ω
d
Capacitance (Input-Output)
CI-O
f = 1 MHz
2.34
pF
d


Número de pieza similar - HCPL-5150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-100 HP-HCPL-5150-100 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-200 HP-HCPL-5150-200 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-300 HP-HCPL-5150-300 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-5150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com