Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS1855 Datasheet(PDF) 4 Page - Dallas Semiconductor

No. de pieza DS1855
Descripción Electrónicos  Dual Nonvolatile Digital Potentiometer and Secure Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DALLAS [Dallas Semiconductor]
Página de inicio  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1855 Datasheet HTML 1Page - Dallas Semiconductor DS1855 Datasheet HTML 2Page - Dallas Semiconductor DS1855 Datasheet HTML 3Page - Dallas Semiconductor DS1855 Datasheet HTML 4Page - Dallas Semiconductor DS1855 Datasheet HTML 5Page - Dallas Semiconductor DS1855 Datasheet HTML 6Page - Dallas Semiconductor DS1855 Datasheet HTML 7Page - Dallas Semiconductor DS1855 Datasheet HTML 8Page - Dallas Semiconductor DS1855 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1855
4 of 20
MEMORY ORGANIZATION
The DS1855’s serial EEPROM is internally organized with 256 words of 1 byte each. Each word requires
an 8-bit address for random word addressing. The byte at address F9h determines the wiper setting for
potentiometer 0, which contains 100 positions. Writing values above 63h to this address sets the wiper to
its uppermost position, but the MSB is ignored. The byte at address F8h determines the wiper setting for
potentiometer 1, which contains 256 positions (00h to FFh). Address locations FAh though FFh are
reserved and should not be written.
MEMORY
LOCATION
NAME OF
MEMORY
LOCATION
FUNCTION OF MEMORY LOCATION
00h – F7h
User Memory
General-purpose user memory.
F8h
Potentiometer 1 Setting Writing to this byte controls the setting of potentiometer 1, a 256-
position pot. Valid settings are 00h to FFh.
F9h
Potentiometer 0 Setting Writing to this byte controls the setting of potentiometer 0, a 100-
position pot. Valid settings are 00h to 63h. MSB is ignored.
FAh
Software Lock
Configuration Byte
The three lower bits in this byte can be used to set write-protection
to the 256-byte memory block.
B2: Writing this bit to a 1 protects the upper page of memory. If
this bit is set, memory locations F8h to FFh are configured for
write-protection.
B1: Writing this bit to a 1 protects the upper block of memory. If
this bit is set, memory locations 80h to F7h are configured for
write-protection. The upper page must be unlocked in order to
modify the locking of this portion of memory.
B0: Writing this bit to a 1 protects the lower block of memory. If
this bit is set, memory locations 00h to 7Fh are configured for
write-protection. The upper page must be unlocked in order to
modify the locking of this portion of memory.
B2 B1 B0


Número de pieza similar - DS1855

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results

Descripción similar - DS1855

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com