Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R.016040 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza R.016040
Descripción Electrónicos  RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

R.016040 Datasheet(HTML) 2 Page - Vishay Siliconix

  R.016040 Datasheet HTML 1Page - Vishay Siliconix R.016040 Datasheet HTML 2Page - Vishay Siliconix R.016040 Datasheet HTML 3Page - Vishay Siliconix R.016040 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R. 016040, R. 016070
www.vishay.com
Vishay Draloric
Revision: 04-Sep-15
2
Document Number: 22109
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 2nd digit: code letter of the terminal version A, B, C, E
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
TYPE R. 016040
R#016040BC250##BF1
R7
25
3.0
3.5
5.0
R#016040BC300##BF1
30
R#016040BC400##BF1
40
R#016040BC500##BF1
50
R#016040BC600##BF1
60
R#016040BC800##BG1
R16
80
R#016040BC101##BH1
R42
100
4.2
R#016040BC121##BH1
120
R#016040BC161##BH1
160
R#016040BC201##BH1
200
R#016040BC251##BH1
250
R#016040BC301##BH1
300
R#016040BC401##BJ1
R85
400
R#016040BC501##BJ1
500
R#016040BC601##BJ1
600
R#016040BC801##BJ1
800
R#016040BC102##BJ1
1000
TYPE R. 016070
R#016070BC500##BF1
R7
50
3.0
5.6
5.0
R#016070BC600##BF1
60
R#016070BC800##BF1
80
R#016070BC101##BF1
100
R#016070BC121##BG1
R16
120
R#016070BC161##BG1
160
7.0
R#016070BC201##BH1
R42
200
R#016070BC251##BH1
250
R#016070BC301##BH1
300
R#016070BC401##BH1
400
R#016070BC501##BH1
500
R#016070BC601##BH1
600
R#016070BC801##BJ1
R85
800
R#016070BC102##BJ1
1000
R#016070BC122##BJ1
1200
R#016070BC162##BJ1
1600


Número de pieza similar - R.016040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
R.012020 VISHAY-R.012020 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
R.012085 VISHAY-R.012085 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
More results

Descripción similar - R.016040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.020080 VISHAY-R.020080 Datasheet
85Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
RA020080 VISHAY-RA020080 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R012085 VISHAY-R012085 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.012085 VISHAY-R.012085 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 14-Sep-15
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com