Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC081S101-MIL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC081S101-MIL
Descripción Electrónicos  Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081S101-MIL Datasheet(HTML) 3 Page - Texas Instruments

  ADC081S101-MIL Datasheet HTML 1Page - Texas Instruments ADC081S101-MIL Datasheet HTML 2Page - Texas Instruments ADC081S101-MIL Datasheet HTML 3Page - Texas Instruments ADC081S101-MIL Datasheet HTML 4Page - Texas Instruments ADC081S101-MIL Datasheet HTML 5Page - Texas Instruments ADC081S101-MIL Datasheet HTML 6Page - Texas Instruments ADC081S101-MIL Datasheet HTML 7Page - Texas Instruments ADC081S101-MIL Datasheet HTML 8Page - Texas Instruments ADC081S101-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC081S101
3
ADC081S101-MIL
www.ti.com
SNAS747 – JUNE 2017
Product Folder Links: ADC081S101-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV or NGF Package
6-Lead SOT-23 or WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
ANALOG I/O
3
VIN
I
Analog input. This signal can range from 0 V to VA.
DIGITAL I/O
4
SCLK
I
Digital clock input. This clock directly controls the conversion and readout processes.
5
SDATA
O
Digital data output. The output samples are clocked out of this pin on falling edges of the SCLK pin.
6
CS
I
Chip select. On the falling edge of CS, a conversion process begins.
POWER SUPPLY
1
VA
P
Positive supply pin. This pin should be connected to a quiet +2.7-V to +5.25-V source and bypassed to
GND with a 1-µF capacitor and a 0.1-µF monolithic capacitor located within 1 cm of the power pin.
2
GND
G
The ground return for the supply and signals.
PAD
GND
G
For package suffix CISD(X) only, it is recommended that the center pad should be connected to ground.


Número de pieza similar - ADC081S101-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC081S101 NSC-ADC081S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADC081S101 NSC-ADC081S101 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S101 TI-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S101 TI-ADC081S101 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Descripción similar - ADC081S101-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com