Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM101AH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM101AH
Descripción Electrónicos  Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH Datasheet(HTML) 3 Page - Texas Instruments

  LM101AH Datasheet HTML 1Page - Texas Instruments LM101AH Datasheet HTML 2Page - Texas Instruments LM101AH Datasheet HTML 3Page - Texas Instruments LM101AH Datasheet HTML 4Page - Texas Instruments LM101AH Datasheet HTML 5Page - Texas Instruments LM101AH Datasheet HTML 6Page - Texas Instruments LM101AH Datasheet HTML 7Page - Texas Instruments LM101AH Datasheet HTML 8Page - Texas Instruments LM101AH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM101A-N, LM201A-N, LM301A-N
www.ti.com
SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013
Electrical Characteristics
(1)
TA= TJ
LM101A/LM201A
LM301A
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C, RS ≤ 50 kΩ
0.7
2.0
2.0
7.5
mV
Input Offset Current
TA = 25°C
1.5
10
3.0
50
nA
Input Bias Current
TA = 25°C
30
75
70
250
nA
Input Resistance
TA = 25°C
1.5
4.0
0.5
2.0
M
Ω
Supply Current
TA = 25°C
VS = ±20V
1.8
3.0
mA
VS = ±15V
1.8
3.0
mA
Large Signal Voltage Gain
TA = 25°C, VS = ±15V
50
160
25
160
V/mV
VOUT = ±10V, RL ≥ 2 kΩ
Input Offset Voltage
RS ≤ 50 kΩ
3.0
10
mV
Average Temperature Coefficient of
RS ≤ 50 kΩ
3.0
15
6.0
30
μV/°C
Input Offset Voltage
Input Offset Current
20
70
nA
Average Temperature Coefficient of
25°C
≤ TA ≤ TMAX
0.01
0.1
0.01
0.3
nA/°C
Input Offset Current
TMIN ≤ TA ≤ 25°C
0.02
0.2
0.02
0.6
nA/°C
Input Bias Current
0.1
0.3
μA
Supply Current
TA = TMAX, VS = ±20V
1.2
2.5
mA
Large Signal Voltage Gain
VS = ±15V, VOUT = ±10V
25
15
V/mV
RL ≥ 2k
Output Voltage Swing
VS = ±15V
RL = 10 kΩ
±12
±14
±12
±14
V
RL = 2 kΩ
±10
±13
±10
±13
V
Input Voltage Range
VS = ±20V
±15
V
VS = ±15V
+15,
−13
±12
+15,
−13
V
Common-Mode Rejection Ratio
RS ≤ 50 kΩ
80
96
70
90
dB
Supply Voltage Rejection Ratio
RS ≤ 50 kΩ
80
96
70
96
dB
(1)
Unless otherwise specified, these specifications apply for C1 = 30 pF, ±5V
≤ VS ≤ ±20V and −55°C ≤ TA ≤ +125°C (LM101A), ±5V ≤ VS
≤ ±20V and −25°C ≤ TA ≤ +85°C (LM201A), ±5V ≤ VS ≤ ±15V and 0°C ≤ TA ≤ +70°C (LM301A).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM101A-N LM201A-N LM301A-N


Número de pieza similar - LM101AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM101AH NSC-LM101AH Datasheet
509Kb / 17P
   Operational Amplifiers
logo
Linear Technology
LM101AH LINER-LM101AH Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101AH NSC-LM101AH Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM101AH TI1-LM101AH Datasheet
1Mb / 24P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101AH-QMLV NSC-LM101AH-QMLV Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
More results

Descripción similar - LM101AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com