Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF442-MILAMH Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LF442-MILAMH
Descripción Electrónicos  Dual Low Power JFET Input Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LF442-MILAMH Datasheet(HTML) 3 Page - Texas Instruments

  LF442-MILAMH Datasheet HTML 1Page - Texas Instruments LF442-MILAMH Datasheet HTML 2Page - Texas Instruments LF442-MILAMH Datasheet HTML 3Page - Texas Instruments LF442-MILAMH Datasheet HTML 4Page - Texas Instruments LF442-MILAMH Datasheet HTML 5Page - Texas Instruments LF442-MILAMH Datasheet HTML 6Page - Texas Instruments LF442-MILAMH Datasheet HTML 7Page - Texas Instruments LF442-MILAMH Datasheet HTML 8Page - Texas Instruments LF442-MILAMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
LM442-MIL
www.ti.com
SNOSD59 – JUNE 2017
Product Folder Links: LM442-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
TO Package
8-Pin LMC
Top View
Pin 4 connected to case
P Package
8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Inverting input A
2
Input
Amplifier A inverting input
Inverting input B
6
Input
Amplifier B inverting input
Noninverting
input A
3
Input
Amplifier A noninverting input
Noninverting
input B
5
Input
Amplifier B noninverting Input
Output A
1
Output
Amplifier A output
Output B
7
Output
Amplifier B output
V+
8
Power
Positive supply
V-
4
Power
Negative supply


Número de pieza similar - LF442-MILAMH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LF442-MWA TI1-LF442-MWA Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

Descripción similar - LF442-MILAMH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442QML TI1-LF442QML Datasheet
373Kb / 18P
[Old version datasheet]   LF442QML Dual Low Power JFET Input Operational Amplifier
LF412-N TI1-LF412-N Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com