Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-0701R2 Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
HCPL-0701R2 Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 12 page 12/11/03 Page 8 of 12 © 2003 Fairchild Semiconductor Corporation LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS SINGLE CHANNEL: HCPL-0700 HCPL-0701 DUAL CHANNEL: HCPL-0730 HCPL-0731 Fig. 15 Common Mode Immunity Test Circuit T T Test Circuit for HCPL-0730 and HCPL-0731 Test Circuit for HCPL-0700 and HCPL-0701 Pulse Gen CM VC VFF V V B A + - +5 V O V - IF 3 4 F VF 2 1 Shield Noise 6 O 5 GND 7 8 VO B VB CC VC L R Switch at A : I = 0 mA F Switch at B : I = 1.6 mA F tr VO O V OL V 5 V 0 V 10% 10% 90% CM V 10 V CM C GND + - F2 V VF1 - +5 V CC V L V02 V R 01 VO VCM V V A B Pulse Gen F I + - + 0.1 µF f t FF VF 90% 1 3 4 2 Shield Noise 8 6 5 7 0.1 µF |
Número de pieza similar - HCPL-0701R2 |
|
Descripción similar - HCPL-0701R2 |