Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-0700R2V Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza HCPL-0700R2V
Descripción Electrónicos  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0700R2V Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL-0700R2V Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0700R2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
12/11/03
Page 5 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
TYPICAL PERFORMANCE CURVES
Fig. 1 Propagation Delay vs. Temperature
(HCPL-0700, HCPL-0701)
TA - TEMPERATURE (˚C)
TA - TEMPERATURE (˚C)
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
Fig. 3 Propagation Delay vs. Temperature
(HCPL-0700, HCPL-0701)
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
tPHL
tPLH
IF = 12 mA
VCC = 5 V
RL = 270 Ω
1/f = 50
µs
TA - TEMPERATURE (˚C)
Fig. 4 Logic High Output Current vs. Temperature
(HCPL-0700, HCPL-0701)
-40
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
VCC = VO = 5.5 V
TA - TEMPERATURE (˚C)
Fig. 5 Propagation Delay vs. Input Forward Currrent
(HCPL-0730, HCPL-0731)
0123456789
10
0
4
8
12
16
20
TA - TEMPERATURE (˚C)
Fig. 2 Propagation Delay vs. Temperature
(HCPL-0700, HCPL-0701)
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
tPHL
tPLH
IF = 1.6 mA
VCC = 5 V
RL = 2.2 kΩ
1/f = 50
µs
tPLH
tPHL
Fig. 6 Output Current vs. Input Forward Current
(HCPL-0700, HCPL-0701)
IF - INPUT FORWARD CURRENT (mA)
0.01
0.1
1
10
0.01
0.1
1
10
100
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
TA = 85˚C
VCC = 5V
VO = 0.4V
T
A = 25
V
CC = 5V
t
PLH
R
L = 4.7kΩ
t
PHL
R
L = 2.2kΩ or 4.7kΩ
t
PLH
R
L = 2.2kΩ
VCC = 5 V
IF = 0.5 mA
RL = 4.7 kΩ
1/f = 50
µs


Número de pieza similar - HCPL-0700R2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-0700 HP-HCPL-0700 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0700 AVAGO-HCPL-0700 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

Descripción similar - HCPL-0700R2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com