Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-EG08-SV000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HLMP-EG08-SV000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 12 page 9 Figure 7. Representative Spatial Radiation Pattern for 23 ° Viewing Angle Lamps. Figure 8. Representative Spatial Radiation Pattern for 30 ° Viewing Angle Lamps. 100 0 θ – ANGULAR DISPLACEMENT – DEGREES 80 60 50 70 20 10 30 40 90 -20 -15 -10 0 5 10 15 20 25 -25 -5 100 0 θ – ANGULAR DISPLACEMENT – DEGREES 80 60 50 70 20 10 30 40 90 -20 -15 -10 0 5 10 15 20 25 -25 -5 Bin Name Min. Max. K 310 400 L 400 520 M 520 680 N 680 880 P 880 1150 Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 3200 4200 V 4200 5500 W 5500 7200 X 7200 9300 Y 9300 12000 Z 12000 16000 Intensity Bin Limits (mcd at 20 mA) Tolerance for each bin limit is ± 15%. Bin Name Min. Max. 1 584.5 587.0 2 587.0 589.5 4 589.5 592.0 6 592.0 594.5 HLMP-xLxx Color Bin Limits (nm at 20 mA) Tolerance for each bin limit is ± 0.5 nm. Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. |
Número de pieza similar - HLMP-EG08-SV000 |
|
Descripción similar - HLMP-EG08-SV000 |