Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274AMWB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274AMWB
Descripción Electrónicos  Advanced LinCMOS Rail-to-Rail Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AMWB Datasheet(HTML) 1 Page - Texas Instruments

  TLC2274AMWB Datasheet HTML 1Page - Texas Instruments TLC2274AMWB Datasheet HTML 2Page - Texas Instruments TLC2274AMWB Datasheet HTML 3Page - Texas Instruments TLC2274AMWB Datasheet HTML 4Page - Texas Instruments TLC2274AMWB Datasheet HTML 5Page - Texas Instruments TLC2274AMWB Datasheet HTML 6Page - Texas Instruments TLC2274AMWB Datasheet HTML 7Page - Texas Instruments TLC2274AMWB Datasheet HTML 8Page - Texas Instruments TLC2274AMWB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
|VDD ±| − Supply Voltage − V
10
8
6
4
4
6
8
12
14
16
10
12
14
16
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC2274AM-MIL
SLOS986 – JUNE 2017
TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier
1
1 Features
1
Output Swing Includes Both Supply Rails
Low Noise: 9 nV/
√Hz Typical at f = 1 kHz
Low-Input Bias Current: 1-pA Typical
Fully-Specified for Both Single-Supply and Split-
Supply Operation
Common-Mode Input Voltage Range Includes
Negative Rail
High-Gain Bandwidth: 2.2-MHz Typical
High Slew Rate: 3.6-V/μs Typical
Low Input Offset Voltage: 2.5 mV Maximum at
TA = 25°C
Macromodel Included
Performance Upgrades for the TLC272 and
TLC274
Available in Q-Temp Automotive
2 Applications
White Goods (Refrigerators, Washing Machines)
Hand-held Monitoring Systems
Configuration Control and Print Support
Transducer Interfaces
Battery-Powered Applications
3 Description
The
TLC2274AM-MIL
device
is
a
quadruple
operational amplifier from Texas Instruments. The
device exhibits rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLC2274AM-MIL device offers 2
MHz of bandwidth and 3 V/μs of slew rate for higher-
speed applications. Thee device offers comparable
ac performance while having better noise, input offset
voltage, and power dissipation than existing CMOS
operational amplifiers. The TLC2274AM-MIL device
has a noise voltage of 9 nV/
√Hz, two times lower
than competitive solutions.
The TLC2274AM-MIL device, exhibiting high input
impedance and low noise, is excellent for small-signal
conditioning for high-impedance sources such as
piezoelectric transducers. Because of the micropower
dissipation levels, the device works well in hand-held
monitoring
and
remote-sensing
applications.
In
addition, the rail-to-rail output feature, with single- or
split-supplies, makes this device a great choice when
interfacing with analog-to-digital converters (ADCs).
For
precision
applications,
the
TLC2272AM-MIL
device is available with a maximum input offset
voltage of 950 μV. This device is fully characterized
at 5 V and ±5 V.
The TLC2274AM-MIL device also makes a great
upgrade to the TLC272 in standard designs, offering
increased output dynamic range, lower noise voltage,
and lower input offset voltage. This enhanced feature
set allows the device to be used in a wider range of
applications. For applications that require higher
output drive and wider input voltage range, see the
TLV2432 and TLV2442 devices.
If the design requires single amplifiers, see the
TLV2211, TLV2221 and TLV2231 family. These
devices are single rail-to-rail operational amplifiers in
the SOT-23 package. Their small size and low power
consumption make them ideal for high density,
battery-powered equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC2274AM-MIL
SOIC (14)
3,91 mm × 8,65 mm
CDIP (14)
6,67 mm × 19,56 mm
LCCC (20)
8,89 mm × 8,89 mm
CFP (14)
6,35 mm × 19,30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Maximum Peak-to-Peak Output Voltage vs
Supply Voltage


Número de pieza similar - TLC2274AMWB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274AMWB TI-TLC2274AMWB Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMWB TI-TLC2274AMWB Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMWB TI1-TLC2274AMWB Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Descripción similar - TLC2274AMWB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
[Old version datasheet]   TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com