Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP303BDRLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP303BDRLR
Descripción Electrónicos  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303BDRLR Datasheet(HTML) 3 Page - Texas Instruments

  TMP303BDRLR Datasheet HTML 1Page - Texas Instruments TMP303BDRLR Datasheet HTML 2Page - Texas Instruments TMP303BDRLR Datasheet HTML 3Page - Texas Instruments TMP303BDRLR Datasheet HTML 4Page - Texas Instruments TMP303BDRLR Datasheet HTML 5Page - Texas Instruments TMP303BDRLR Datasheet HTML 6Page - Texas Instruments TMP303BDRLR Datasheet HTML 7Page - Texas Instruments TMP303BDRLR Datasheet HTML 8Page - Texas Instruments TMP303BDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
6
5
4
V
S
SOH
HYST
SET0
HYST
SET1
GND
OUT
3
TMP303
www.ti.com
SBOS486G – JULY 2009 – REVISED JULY 2017
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Changes from Revision A (September 2009) to Revision B
Page
Added TMP303B device to data sheet................................................................................................................................... 1
(1)
Contact a TI representative for other trip points.
5 Device Options
DEVICE
TRIP POINTS (°C)
TMP303A
TL = 0, TH = 60
(1)
TMP303B
TL = 0, TH = 55
(1)
TMP303C
TL = -20, TH = 60
(1)
TMP303D
TL = -15, TH = 125
(1)
TMP303E
TL = 0, TH = 70
(1)
TMP303F
TL = 0, TH = 80
(1)
TMP303G
TL = 0, TH = 90
(1)
6 Pin Configuration and Functions
DRL Package
6-Pin SOT-563
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HYSTSET0
1
Digital Input
This pin is used to set the amount of thermal hysteresis.
GND
2
Ground
Ground
OUT
3
Digital Output Active high, push-pull output pin. Does not require a pullup resistor to VS.
SOH
4
Digital Input
Set output high (SOH) pin. If the SOH pin is pulled high, the TMP303 forces the output high.
If the SOH pin is grounded or left floating, this pin has no effect on the behavior of the
TMP303.
VS
5
Power
Supply
Power supply
HYSTSET1
6
Digital Input
This pin is used to set the amount of thermal hysteresis.


Número de pieza similar - TMP303BDRLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP303BDRLR TI1-TMP303BDRLR Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303BDRLR TI1-TMP303BDRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
More results

Descripción similar - TMP303BDRLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com