Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC0H104ZFTBR24-SS Datasheet(PDF) 3 Page - Kemet Corporation

No. de pieza FC0H104ZFTBR24-SS
Descripción Electrónicos  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H104ZFTBR24-SS Datasheet(HTML) 3 Page - Kemet Corporation

  FC0H104ZFTBR24-SS Datasheet HTML 1Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 2Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 3Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 4Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 5Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 6Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 7Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 8Page - Kemet Corporation FC0H104ZFTBR24-SS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Performance Characteristics
Supercapacitors should not be used for applications such as ripple absorption because of their high internal resistance
(severalhundredmΩtoahundredΩ)comparedtoaluminumelectrolyticcapacitors.Thus,itsmainusewouldbe
similar to that of secondary battery such as power back-up in DC circuit. The following list shows the characteristics of
supercapacitors as compared to aluminum electrolytic capacitors for power back-up and secondary batteries.
Secondary Battery
Capacitor
NiCd
Lithium Ion
Aluminum Electrolytic
Supercapacitor
Back-up ability
Eco-hazard
Cd
Operating Temperature Range
−20to+60°C
−20to+50°C
−55to+105°C
−40to+85°C(FR,FT)
Charge Time
few hours
few hours
few seconds
few seconds
Charge/Discharge Life Time approximately 500 times approximately 500 to 1,000
times
limitless (*1)
limitless (*1)
Restrictions on
Charge/Discharge
yes
yes
none
none
Flow Soldering
not applicable
not applicable
applicable
applicable
Automatic Mounting
not applicable
not applicable
applicable
applicable
(FM and FC series)
Safety Risks
leakage, explosion
leakage, combustion,
explosion, ignition
heat-up, explosion
gas emission (*2)
(*1) Aluminum electrolytic capacitors and supercapacitors have limited lifetime. However, when used under proper conditions, both can operate within a
predetermined lifetime.
(*2) There is no harm as it is a mere leak of water vapor which transitioned from water contained in the electrolyte (diluted sulfuric acid). However,
application of abnormal voltage surge exceeding maximum operating voltage may result in leakage and explosion.
Typical Applications
Intended Use (Guideline) Power Supply (Guideline)
Application
Examples of Equipment
Series
Long time back-up
500μAandbelow
CMOS microcomputer,
IC for clocks
CMOS microcomputer,
static RAM/DTS
(digital tuning system)
FC series
Environmental Compliance
All KEMET supercapacitors are RoHS Compliant.
RoHS Compliant


Número de pieza similar - FC0H104ZFTBR24-SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

Descripción similar - FC0H104ZFTBR24-SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com