Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FC0V474ZFTBR24 Datasheet(PDF) 3 Page - Kemet Corporation |
|
FC0V474ZFTBR24 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 16 page 3 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com S6011_FC • 3/29/2017 Supercapacitors – FC Series Performance Characteristics Supercapacitors should not be used for applications such as ripple absorption because of their high internal resistance (severalhundredmΩtoahundredΩ)comparedtoaluminumelectrolyticcapacitors.Thus,itsmainusewouldbe similar to that of secondary battery such as power back-up in DC circuit. The following list shows the characteristics of supercapacitors as compared to aluminum electrolytic capacitors for power back-up and secondary batteries. Secondary Battery Capacitor NiCd Lithium Ion Aluminum Electrolytic Supercapacitor Back-up ability – – – – Eco-hazard Cd – – – Operating Temperature Range −20to+60°C −20to+50°C −55to+105°C −40to+85°C(FR,FT) Charge Time few hours few hours few seconds few seconds Charge/Discharge Life Time approximately 500 times approximately 500 to 1,000 times limitless (*1) limitless (*1) Restrictions on Charge/Discharge yes yes none none Flow Soldering not applicable not applicable applicable applicable Automatic Mounting not applicable not applicable applicable applicable (FM and FC series) Safety Risks leakage, explosion leakage, combustion, explosion, ignition heat-up, explosion gas emission (*2) (*1) Aluminum electrolytic capacitors and supercapacitors have limited lifetime. However, when used under proper conditions, both can operate within a predetermined lifetime. (*2) There is no harm as it is a mere leak of water vapor which transitioned from water contained in the electrolyte (diluted sulfuric acid). However, application of abnormal voltage surge exceeding maximum operating voltage may result in leakage and explosion. Typical Applications Intended Use (Guideline) Power Supply (Guideline) Application Examples of Equipment Series Long time back-up 500μAandbelow CMOS microcomputer, IC for clocks CMOS microcomputer, static RAM/DTS (digital tuning system) FC series Environmental Compliance All KEMET supercapacitors are RoHS Compliant. RoHS Compliant |
Número de pieza similar - FC0V474ZFTBR24 |
|
Descripción similar - FC0V474ZFTBR24 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |